Electronic Components Datasheet Search
  English  ▼

X  

HT6221 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT6221
Description  Multi-Purpose Encoders
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT6221 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT6221 Datasheet HTML 4Page - Holtek Semiconductor Inc HT6221 Datasheet HTML 5Page - Holtek Semiconductor Inc HT6221 Datasheet HTML 6Page - Holtek Semiconductor Inc HT6221 Datasheet HTML 7Page - Holtek Semiconductor Inc HT6221 Datasheet HTML 8Page - Holtek Semiconductor Inc HT6221 Datasheet HTML 9Page - Holtek Semiconductor Inc HT6221 Datasheet HTML 10Page - Holtek Semiconductor Inc HT6221 Datasheet HTML 11Page - Holtek Semiconductor Inc HT6221 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
HT6221/HT6222
Rev. 1.50
8
October 1, 2007
K 2 1 I n p u t
K m I n p u t
( a )
K 2 1 I n p u t
K m I n p u t
K 2 1
( b )
( c )
( d )
K 2 1 I n p u t
K m I n p u t
K m
3 6 m s < t < 1 2 6 m s
3 6 m s
3 6 m s
K 2 1 I n p u t
K m I n p u t
K m
D O U T
D O U T
D O U T
N o t r a n s m i s s i o n
D O U T
1 0 8 m s ( m i n . )
K m c o d e t r a n s m i s s i o n
K 2 1
N o t r a n s m i s s i o n
K 2 1 c o d e t r a n s m i s s i o n
K 2 1
3 6 m s < t < 1 2 6 m s
3 6 m s
3 6 m s
1 0 8 m s ( m i n . )
K m
0 < t < 3 6 m s
K m
K 2 1
0 < t < 3 6 m s
Invalid double-key input
K n
3 6 m s
D O U T
( a )
K n I n p u t
K n
3 6 m s
D O U T
( b )
t < 1 0 8 m s
1 0 8 m s
t > 1 0 8 m s
K n c o d e t r a n s m i s s i o n
K n c o d e t r a n s m i s s i o n
K n I n p u t
Note: Kn can be one of K1~K64
Valid single-key input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com