Electronic Components Datasheet Search
  English  ▼

X  

HT6221 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT6221
Description  Multi-Purpose Encoders
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT6221 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT6221 Datasheet HTML 3Page - Holtek Semiconductor Inc HT6221 Datasheet HTML 4Page - Holtek Semiconductor Inc HT6221 Datasheet HTML 5Page - Holtek Semiconductor Inc HT6221 Datasheet HTML 6Page - Holtek Semiconductor Inc HT6221 Datasheet HTML 7Page - Holtek Semiconductor Inc HT6221 Datasheet HTML 8Page - Holtek Semiconductor Inc HT6221 Datasheet HTML 9Page - Holtek Semiconductor Inc HT6221 Datasheet HTML 10Page - Holtek Semiconductor Inc HT6221 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
HT6221/HT6222
Rev. 1.50
7
October 1, 2007
· Values of the data codes (D0~D7)
The HT6221/HT6222 contain 32 and 64 active keys, re-
spectively. Each key corresponds to a data code. For
tape deck recording, the HT6221/HT6222 provide three
double-key functions. The double-key, single-key, and
double-key operation rules are shown in Table 3, Ta-
ble 4, Timing 4, Timing 5 and Timing 6.
Table 3: Double-key data code table
KEY
Data Codes
D0~D6
Data Code D7
K21+K22
1010110
0/1
K21+K23
0110110
0/1
K21+K24
1110110
0/1
Note: D7 is defined by an external switch
Table 4: K1~K64 single-key data code table
KEY
Data Codes
D0~D6
Data Code
D7
KEY
Data Codes
D0~D6
Data Code
D7
K1
0000 000
0/1
K33
0000 001
0/1
K2
1000 000
0/1
K34
1000 001
0/1
K3
0100 000
0/1
K35
0100 001
0/1
K4
1100 000
0/1
K36
1100 001
0/1
K5
0010 000
0/1
K37
0010 001
0/1
K6
1010 000
0/1
K38
1010 001
0/1
K7
0110 000
0/1
K39
0110 001
0/1
K8
1110 000
0/1
K40
1110 001
0/1
K9
0001 000
0/1
K41
0001 001
0/1
K10
1001 000
0/1
K42
1001 001
0/1
K11
0101 000
0/1
K43
0101 001
0/1
K12
1101 000
0/1
K44
1101 001
0/1
K13
0011 000
0/1
K45
0011 001
0/1
K14
1011 000
0/1
K46
1011 001
0/1
K15
0111 000
0/1
K47
0111 001
0/1
K16
1111 000
0/1
K48
1111 001
0/1
K17
0000 100
0/1
K49
0000 101
0/1
K18
1000 100
0/1
K50
1000 101
0/1
K19
0100 100
0/1
K51
0100 101
0/1
K20
1100 100
0/1
K52
1100 101
0/1
K21
0010 100
0/1
K53
0010 101
0/1
K22
1010 100
0/1
K54
1010 101
0/1
K23
0110 100
0/1
K55
0110 101
0/1
K24
1110 100
0/1
K56
1110 101
0/1
K25
0001 100
0/1
K57
0001 101
0/1
K26
1001 100
0/1
K58
1001 101
0/1
K27
0101 100
0/1
K59
0101 101
0/1
K28
1101 100
0/1
K60
1101 101
0/1
K29
0011 100
0/1
K61
0011 101
0/1
K30
1011 100
0/1
K62
1011 101
0/1
K31
0111 100
0/1
K63
0111 101
0/1
K32
1111 100
0/1
K64
1111 101
0/1
Note: D7 is defined by an external switch
D7=0 : connect to VDD
D7=1 : connect to VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com