Electronic Components Datasheet Search
  English  ▼

X  

HT9320C Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT9320C
Description  22-Memory Tone/Pulse Dialer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9320C Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT9320C Datasheet HTML 1Page - Holtek Semiconductor Inc HT9320C Datasheet HTML 2Page - Holtek Semiconductor Inc HT9320C Datasheet HTML 3Page - Holtek Semiconductor Inc HT9320C Datasheet HTML 4Page - Holtek Semiconductor Inc HT9320C Datasheet HTML 5Page - Holtek Semiconductor Inc HT9320C Datasheet HTML 6Page - Holtek Semiconductor Inc HT9320C Datasheet HTML 7Page - Holtek Semiconductor Inc HT9320C Datasheet HTML 8Page - Holtek Semiconductor Inc HT9320C Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
Pin Name
I/O
Internal
Connection
Description
HDI
I
CMOS IN
Pull-high
This pin is a Schmitt trigger input structure. Active low. Applying a negative going
pulse to this pin can toggle the HDO output once.
An external RC network is recommended for input debouncing. The pull-high
resistance is 200k
W typ.
HDO
O
CMOS OUT
The HDO is a CMOS output structure. Its output is toggle- controlled by a nega-
tive transition on HDI. When HDO is toggled high, PO keeps high to hold the line.
The hold function can be released by setting HFO high or by an on-off hook oper-
ation or by another HDI input. Refer to the functional description for the hold-line
function.
HFI
I
CMOS IN
Pull-low
This pin is a Schmitt trigger input structure. Active high. Applying a positive go-
ing pulse to HFI can toggle the HFO once and hence control the hand-free
function.
An external RC network is recommended for input debouncing. The pull-low
resistance of HFI is 200k
W typ.
HFO
O
CMOS OUT
The HFO is a CMOS output structure. Its output is toggle- controlled by a posi-
tive transition on the HFI pin. When HFO is high, the hand-free function is en-
abled and PO outputs a high to connect the line.
The hand-free function can be released by an on-off-hook operation or by
another HFI input or by setting HDO high. Refer to the functional description
for the hand-free function operation.
DOUT
O
NMOS OUT
NMOS open drain output pin. It outputs the BCD code of the dialing digits to
the LCD driver chip (HT16XX series) or MCU for dialing number display. Refer
to the functional description for the detailed timing.
CLOCK
O
NMOS OUT
NMOS open drain output. When dialing, it outputs a series of pulse trains for
DOUT data synchronization. DOUT data is valid at the falling edge of clock.
VDD
¾¾
Positive power supply, 2.0V~5.5V for normal operation
VSS
¾¾
Negative power supply, ground
HST
I
CMOS IN
Pull-low
(HT9320A)
On-hook store enable input
HST=VDD: On-hook store (HT9320A/H)
HST=Floating: Off-hook store (HT9320A)
HST=VSS: Off-hook store (HT9320H)
The Pull-low resistance is 200k
W typ.
CMOS IN
(HT9320H)
M/B
I
CMOS IN
Pull-high
(HT9320A)
Make/Break ratio selection
M/B=VSS: 33.3/66.6 (HT9320A)
M/B=Floating: 40/60 (HT9320A)
M/B=VDD: 33.3/66.6 (HT9320H)
M/B=VSS: 40/60 (HT9320H)
The pull-high resistance is 200k
W typ.
CMOS IN
(HT9320H)
KT
O
CMOS OUT
Keytone output pin. Outputs a 1.2kHz tone carrier for 34ms each time a key is
pressed in the pulse mode.
HT9320 Series
Rev. 1.10
5
October 1, 2002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com