Electronic Components Datasheet Search
  English  ▼

X  

HT9320C Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT9320C
Description  22-Memory Tone/Pulse Dialer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9320C Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT9320C Datasheet HTML 3Page - Holtek Semiconductor Inc HT9320C Datasheet HTML 4Page - Holtek Semiconductor Inc HT9320C Datasheet HTML 5Page - Holtek Semiconductor Inc HT9320C Datasheet HTML 6Page - Holtek Semiconductor Inc HT9320C Datasheet HTML 7Page - Holtek Semiconductor Inc HT9320C Datasheet HTML 8Page - Holtek Semiconductor Inc HT9320C Datasheet HTML 9Page - Holtek Semiconductor Inc HT9320C Datasheet HTML 10Page - Holtek Semiconductor Inc HT9320C Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
RHST
HST Pull-low Resistance
2.5V VHST=2.5V
¾
200
¾
k
W
IOH1
Keypad Pin Source Current
2.5V VOH=0V
-4
¾-40
mA
IOL1
Keypad Pin Sink Current
2.5V VOL=2.5V
200
400
¾mA
IOH2
HFO Pin Source Current
2.5V VOH=2V
-1
¾¾
mA
IOL2
HFO Pin Sink Current
2.5V VOL=0.5V
1
¾¾
mA
IOH3
HDO Pin Source Current
2.5V VOH=2V
-1
¾¾
mA
IOL3
HDO Pin Sink Current
2.5V VOL=0.5V
1
¾¾
mA
IOH4
KT Pin Source Current
2.5V VOH=2V
-1
¾¾
mA
IOL4
KT Pin Sink Current
2.5V VOL=0.5V
1
¾¾
mA
TFP
Pause Time After Flash
¾
Control key
¾
0.2
¾
s
Digit key
¾
1
¾
s
TRP
Pause Time for One-key Redialing
¾ One-key redialing
¾
1
¾
s
TDB
Key-in Debounce Time
¾¾
¾
20
¾
ms
TBRK
Break Time for One-key Redialing
¾ One-key redialing
¾
1.2
¾
s
fOSC
System Frequency
¾ Crystal=3.5795MHz
3.5759 3.5795 3.5831
MHz
Pulse Mode Electrical Characteristics
fOSC=3.5795MHz, Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
IPOH
PO Output Source Current
2.5V VOH=2V
-0.2
¾¾
mA
IPOL
PO Output Sink Current
2.5V VOL=0.5V
0.2
0.6
¾
mA
PR
Pulse Rate
¾
MODE pin is connected to VDD
¾
10
¾
pps
MODE pin is opened
¾
20
¾
M/B
Make/Break Ratio
¾
A resistor is linked between
R2 and C1 (HT9320B/C/K/L)
¾
33:66
¾
%
M/B=VSS (HT9320A)
M/B=VDD (HT9320H)
No resistor is linked between
R2 and C1 (HT9320B/C/K/L)
¾
40:60
¾
M/B=Floating (HT9320A)
M/B=VSS (HT9320H)
TPDP
Pre-digit-pause Time
¾
M/B ratio=40:60
¾
40 (10pps)
20 (20pps)
¾
ms
M/B ratio=33:66
¾
33 (10pps)
17 (20pps)
¾
HT9320 Series
Rev. 1.10
7
October 1, 2002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com