Electronic Components Datasheet Search
  English  ▼

X  

HT9320C Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT9320C
Description  22-Memory Tone/Pulse Dialer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9320C Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT9320C Datasheet HTML 5Page - Holtek Semiconductor Inc HT9320C Datasheet HTML 6Page - Holtek Semiconductor Inc HT9320C Datasheet HTML 7Page - Holtek Semiconductor Inc HT9320C Datasheet HTML 8Page - Holtek Semiconductor Inc HT9320C Datasheet HTML 9Page - Holtek Semiconductor Inc HT9320C Datasheet HTML 10Page - Holtek Semiconductor Inc HT9320C Datasheet HTML 11Page - Holtek Semiconductor Inc HT9320C Datasheet HTML 12Page - Holtek Semiconductor Inc HT9320C Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
HT9320 Series
Rev. 1.10
9
October 1, 2002
Functional Description
Keyboard matrix
C1~C8 and R1~R5 form a keyboard matrix. Together
with a standard 5
´8 keyboard, the keyboard matrix is
used for dialing entries. In addition, the keyboard matrix
also provides resistor options for different dialing specifi-
cation selections. The keyboard arrangement for the
HT9320 series are shown in the Keyboard Informa-
tion.
Tone frequency
Tone
Name
Output
Frequency (Hz)
% Error
Specified
Actual
R2
697
699
+0.29%
R3
770
766
-0.52%
R4
852
847
-0.59%
R5
941
948
+0.74%
C1
1209
1215
+0.50%
C2
1336
1332
-0.30%
C3
1477
1472
-0.34%
Note: % Error does not contain the crystal frequency drift
Dialing specification selection
Various dialing specifications can be selected by adding
resistors across keyboard matrix pins. The allowable
option resistor connections are shown on the table.
All the resistors are 330k
W. The resistor option functions
and the default specifications (without option resistors)
are listed below (HT9320A/B/C/K/L).
Option
Resistor
Option
Function
Default
(No Resistor)
RK12
(HT9320B/C/K/L)
Ratio
Selection
40:60
RK13
Flash
Function/
Time Selection
Flash=control
function
Flash
time=600ms
RK14
RK21
Pause & P
®T
Duration
Selection
TP= 3.6s
TP®T= 3.6s
RK31
Pulse Number
Selection
N
RK41
RK51
(HT9320A /B/C/K)
Inter-digit-
Pause Time for
10pps
800ms
RK51
RK61
RK71
(HT9320L)
International
Direct Dialing
Lock Selection
Normal dialing
(unlock)
M/B ratio selection table
· HT9320A
M/B Pin
M/B Ratio (%)
VSS
33.3:66.6
Floating
40:60
· HT9320B/C/K/L
RK12
M/B Ratio (%)
No
40:60
Yes
33.3:66.6
· HT9320H
M/B Pin
M/B Ratio (%)
VDD
33.3:66.6
VSS
40:60
R 1
R 2
R 3
R 4
K 2 1
R
C 1
C 2
C 3
C 4
C 5
C 6
C 7
K 3 1
R
K 4 1
R
K 5 1
R
K 6 1
R
K 7 1
R
K 1 2
R
K 1 3
R
K 1 4
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com