Electronic Components Datasheet Search
  English  ▼

X  

HT9320C Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT9320C
Description  22-Memory Tone/Pulse Dialer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9320C Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT9320C Datasheet HTML 6Page - Holtek Semiconductor Inc HT9320C Datasheet HTML 7Page - Holtek Semiconductor Inc HT9320C Datasheet HTML 8Page - Holtek Semiconductor Inc HT9320C Datasheet HTML 9Page - Holtek Semiconductor Inc HT9320C Datasheet HTML 10Page - Holtek Semiconductor Inc HT9320C Datasheet HTML 11Page - Holtek Semiconductor Inc HT9320C Datasheet HTML 12Page - Holtek Semiconductor Inc HT9320C Datasheet HTML 13Page - Holtek Semiconductor Inc HT9320C Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
HT9320 Series
Rev. 1.10
10
October 1, 2002
Flash function/time (duration) selection table
· HT9320A/B/C/K/L
RK13
RK14
Flash
Function
Flash Time
(TF)
No
No
Control
600ms
No
Yes
Digit
600ms
Yes
No
Digit
98ms
Yes
Yes
Digit
300ms
· HT9320H
M/B Pin
Flash
Function
Flash Time
(TF)
VSS
Digit
600ms
VDD
Digit
100ms
Pause and P
®T duration selection table
· HT9320A/B/C/K/L
RK21
TP (sec)
TP®T (sec)
No
3.6
3.6
Yes
2
1
· HT9320H
TP (sec)
TP®T (sec)
3.6
3.6
Pulse number selection table
· HT9320A/B/C/K/L
RK31
RK41
Pulse
Number
No
No
N
No
Yes
N+1
Yes
No
10-N
Yes
Yes
¾
· HT9320H
Pulse Number
N
Inter-digit-pause time for 10pps
· HT9320A/B/C/K
RK51
Inter-digit pause time
No
800ms
Yes
400ms
· HT9320H/L
Inter-digit pause time
800ms
Pulse number table
Keypad
Output Pulse Number
Digit Key
N
10
-N
N+1
1192
2283
3374
4465
5556
6647
7738
8829
991
10
010
101
*/T
P
®TP®TP®T
#
Ignored
Ignored
Ignored
DOUT BCD code
When dialing, the corresponding 4-bit BCD codes are
serially presented on DOUT from MSB to LSB. The data
of DOUT is valid at the falling edge of the CLOCK pin.
The following table lists the BCD codes corresponding
to the keyboard input.
Key-In
BCD Code
Key-In
BCD Code
1
0001
8
1000
2
0010
9
1001
3
0011
0
1010
4
0100
*/T
1101
5
0101
#
1100
6
0110
F
1011
7
0111
P
1110
On hook store (HT9320A/H)
When the external power supply (2V~5.5V) is used and
the HST pin is connected to VDD, the user can store di-
aling numbers to the memories (M1~M20) during
on-hook state.
On/Off hook store selection table
HST Pin
Hook Store Mode
VDD (HT9320A/H)
On-hook store
Floating (HT9320A)
Off-hook store
VSS (HT9320H)
Off-hook store



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com