Electronic Components Datasheet Search
  English  ▼

X  

DS3501 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS3501
Description  High-Voltage, NV, I2C POT with Temp Sensor and Lookup Table
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3501 Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS3501 Datasheet HTML 1Page - Maxim Integrated Products DS3501 Datasheet HTML 2Page - Maxim Integrated Products DS3501 Datasheet HTML 3Page - Maxim Integrated Products DS3501 Datasheet HTML 4Page - Maxim Integrated Products DS3501 Datasheet HTML 5Page - Maxim Integrated Products DS3501 Datasheet HTML 6Page - Maxim Integrated Products DS3501 Datasheet HTML 7Page - Maxim Integrated Products DS3501 Datasheet HTML 8Page - Maxim Integrated Products DS3501 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
General Description
The DS3501 is a 7-bit, nonvolatile (NV) digital poten-
tiometer featuring an output voltage range of up to 15.5V.
Programming is accomplished by an I2C-compatible
interface, which can operate at speeds of up to 400kHz.
External voltages are applied at the RL and RH inputs to
define the lowest and highest potentiometer outputs.
The DS3501 contains an on-chip temperature sensor
and associated analog-to-digital converter (ADC). The
ADC output addresses a 36-word NV lookup table
(LUT). The LUT output can drive the pot directly or be
added to an NV initial-value register (IVR) to drive the
pot. This flexible LUT-based architecture allows the
DS3501 to provide a temperature-compensated poten-
tiometer output with arbitrary slope.
Applications
TFT-LCD VCOM Calibration
Linear and Nonlinear Compensation
Instrumentation and Industrial Controls
Mechanical POT Replacement
Optical Transceivers
Features
♦ 128 Wiper Tap Points
♦ Full-Scale Resistance: 10kΩ
♦ On-Chip Temperature Sensor and ADC
♦ 36-Byte Lookup Table (LUT)
♦ I2C-Compatible Serial Interface
♦ Address Pins Allow Up to Four DS3501s to Share
the Same I2C Bus
♦ Digital Operating Voltage: 2.7V to 5.5V
♦ Analog Operating Voltage: 4.5V to 15.5V
♦ Operating Temperature: -40°C to +100°C
♦ Pin and Software Compatible with ISL95311
(Default Mode)
♦ 10-Pin μSOP Package
High-Voltage, NV, I2C POT with Temp Sensor
and Lookup Table
______________________________________________
Maxim Integrated Products
1
Rev 0; 1/07
+
Denotes a lead-free package.
T&R denotes tape-and-reel.
Ordering Information
PART
TEMP RANGE
PIN-PACKAGE
DS3501U+
-40°C to +100°C
10 µSOP
DS3501U+T&R
-40°C to +100°C
10 µSOP
VOLATILE
WIPER REGISTER
NV IVR
36-BYTE
LUT
NV
MEMORY
CONTROL
CIRCUITRY
AND ADDRESS
DECODE
TEMP
SENSOR
AND ADC
A1
A0
SDA
SCL
∑
DECODER
LEVEL
SHIFTER
127
126
125
2
1
0
RH
RL
RW
DS3501
Functional Diagram
Pin Configuration and Typical Operating Circuit appear at
end of data sheet.
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - DS3501

ManufacturerPart #DatasheetDescription
logo
Bridgelux, Inc.
DS350 BRIDGELUX-DS350 Datasheet
1Mb / 23P
Tunable White Gen 2 9mm Array, 90 CRI and ThriveTM
05/2025
logo
Maxim Integrated Produc...
DS3502 MAXIM-DS3502 Datasheet
155Kb / 10P
High-Voltage, NV, I2C POT
Rev 0; 1/08
DS3502 MAXIM-DS3502 Datasheet
162Kb / 11P
High-Voltage, NV, I2C POT
Rev 1; 3/09
DS3502U MAXIM-DS3502U Datasheet
155Kb / 10P
High-Voltage, NV, I2C POT
Rev 0; 1/08
DS3502U+ MAXIM-DS3502U+ Datasheet
155Kb / 10P
High-Voltage, NV, I2C POT
Rev 0; 1/08
More results

Similar Description - DS3501

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1338 MAXIM-DS1338 Datasheet
508Kb / 16P
I2C RTC with 56-Byte NV RAM
REV: 010307
logo
Microchip Technology
MCP4021 MICROCHIP-MCP4021 Datasheet
3Mb / 64P
Low-Cost NV Digital POT with WiperLock??Technology
2006
logo
Maxim Integrated Produc...
DS3502 MAXIM-DS3502 Datasheet
155Kb / 10P
High-Voltage, NV, I2C POT
Rev 0; 1/08
DS3503 MAXIM-DS3503 Datasheet
209Kb / 12P
NV, I2C, Stepper Potentiometer
Rev 0; 11/08
DS3502 MAXIM-DS3502_09 Datasheet
162Kb / 11P
High-Voltage, NV, I2C POT
Rev 1; 3/09
DS3503 MAXIM-DS3503_09 Datasheet
232Kb / 13P
NV, I2C, Stepper Potentiometer
Rev 1; 3/09
DS1338 MAXIM-DS1338_08 Datasheet
268Kb / 16P
I2C RTC with 56-Byte NV RAM
REV: 100108
DS1338 MAXIM-DS1338_11 Datasheet
247Kb / 16P
I2C RTC with 56-Byte NV RAM
Rev 9/11
DS1338_1203 MAXIM-DS1338_1203 Datasheet
477Kb / 16P
I2C RTC with 56-Byte NV RAM
Rev 3/12
MAX31760 MAXIM-MAX31760 Datasheet
1Mb / 37P
Precision Fan-Speed Controller with Nonvolatile Lookup Table
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com