Electronic Components Datasheet Search
  English  ▼

X  

DS3501 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS3501
Description  High-Voltage, NV, I2C POT with Temp Sensor and Lookup Table
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3501 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS3501 Datasheet HTML 1Page - Maxim Integrated Products DS3501 Datasheet HTML 2Page - Maxim Integrated Products DS3501 Datasheet HTML 3Page - Maxim Integrated Products DS3501 Datasheet HTML 4Page - Maxim Integrated Products DS3501 Datasheet HTML 5Page - Maxim Integrated Products DS3501 Datasheet HTML 6Page - Maxim Integrated Products DS3501 Datasheet HTML 7Page - Maxim Integrated Products DS3501 Datasheet HTML 8Page - Maxim Integrated Products DS3501 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
High-Voltage, NV, I2C POT with Temp Sensor
and Lookup Table
2
_____________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
(TA = -40°C to +100°C)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage Range on VCC Relative to GND ...............-0.5V to +6.0V
Voltage Range on V+ Relative to GND ..................-0.5V to +17V
Voltage Range on SDA, SCL, A0, A1
Relative to GND..........-0.5V to (VCC + 0.5V), not to exceed 6.0V
Voltage Range on RH, RL, RW...................................-0.5V to V+
Voltage Range Across RH and RL Pins .....................-0.5V to V+
Operating Temperature Range .........................-40°C to +100°C
Programming Temperature Range .........................0°C to +70°C
Storage Temperature Range .............................-55°C to +125°C
Soldering Temperature .......................................See IPC/JEDEC
J-STD-020 Specification
Maximum RW Current ...........................................................1mA
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
(Note 1)
+2.7
+5.5
V
V+ Voltage
V+
V+ > VCC
+4.5
+15.5
V
Input Logic 1
(SCL, SDA, A0, A1)
VIH
0.7 x
VCC
VCC
+ 0.3
V
Input Logic 0
(SCL, SDA, A0, A1)
VIL
-0.3
0.3 x
VCC
V
Resistor Inputs (RL, RW, RH)
VRES
-0.3
V+
+ 0.3
V
Wiper Current
IWIPER
1mA
DC ELECTRICAL CHARACTERISTICS
(VCC = +2.7V to +5.5V, TA = -40°C to +100°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ICC
(Note 2)
2
mA
VCC Supply Current
ICC2
(Note 3)
250
350
µA
Standby Supply Current
ISTBY
(Note 4)
40
60
µA
V+ Bias Current
IV+
+1
µA
Input Leakage (SDA, SCL, A0, A1)
IL
-1
+1
µA
Low-Level Output Voltage (SDA)
VOL
3mA sink current
0.0
0.4
V
I/O Capacitance
CI/O
510
pF
Power-Up Recall Voltage
VPOR
(Note 5)
1.6
2.6
V
Power-Up Memory Recall Delay
tD
(Note 6)
5
ms
Wiper Resistance
RW
V+ = 15.0V
5000
Ω
End-to-End Resistance (RH to RL)
RTOTAL
10
k
Ω
RTOTAL Tolerance
TA = +25°C
-20
+20
%
RTOTAL Temp Co.
(Note 7)
±200
ppm
CH, CL, CW Capacitance
CPOT
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com