Electronic Components Datasheet Search
  English  ▼

X  

DS3501 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # DS3501
Description  High-Voltage, NV, I2C POT with Temp Sensor and Lookup Table
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3501 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button DS3501 Datasheet HTML 6Page - Maxim Integrated Products DS3501 Datasheet HTML 7Page - Maxim Integrated Products DS3501 Datasheet HTML 8Page - Maxim Integrated Products DS3501 Datasheet HTML 9Page - Maxim Integrated Products DS3501 Datasheet HTML 10Page - Maxim Integrated Products DS3501 Datasheet HTML 11Page - Maxim Integrated Products DS3501 Datasheet HTML 12Page - Maxim Integrated Products DS3501 Datasheet HTML 13Page - Maxim Integrated Products DS3501 Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
High-Voltage, NV, I2C POT with Temp Sensor
and Lookup Table
____________________________________________________________________
13
Reading multiple bytes from a slave: The read opera-
tion can be used to read multiple bytes with a single
transfer. When reading bytes from the slave, the master
simply ACKs the data byte if it desires to read another
byte before terminating the transaction. After the master
reads the last byte it must NACK to indicate the end of
the transfer and generates a STOP condition.
Applications Information
Power-Supply Decoupling
To achieve the best results when using the DS3501,
decouple both the power-supply pin and the wiper-bias
voltage pin with a 0.01µF or 0.1µF capacitor. Use a
high-quality ceramic surface-mount capacitor if possi-
ble. Surface-mount components minimize lead induc-
tance, which improves performance, and ceramic
capacitors tend to have adequate high-frequency
response for decoupling applications.
SDA and SCL Pullup Resistors
SDA is an I/O with an open-collector output that
requires a pullup resistor to realize high-logic levels. A
master using either an open-collector output with a
pullup resistor or a push-pull output driver can be used
for SCL. Pullup resistor values should be chosen to
ensure that the rise and fall times listed in the
I2C AC
Electrical Characteristics are within specification. A typ-
ical value for the pullup resistors is 4.7k
Ω.
Chip Information
TRANSISTOR COUNT: 22,400
SUBSTRATE CONNECTED TO GROUND
SLAVE
ADDRESS*
START
START
0
1
0
1
0
A1
A0
R/W
SLAVE
ACK
SLAVE
ACK
SLAVE
ACK
MSB
LSB
MSB
LSB
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
READ/
WRITE
REGISTER ADDRESS
b7
b6
b5
b4
b3
b2
b1
b0
DATA
STOP
SINGLE-BYTE WRITE
-WRITE LUTAR
REGISTER TO 00h
SINGLE-BYTE WRITE
SET TO LUT MODE
SINGLE-BYTE READ
-READ CR0 REGISTER
TWO-BYTE WRITE
- WRITE 80h AND 81h TO 00h
START
REPEATED
START
51h
MASTER
NACK
STOP
0 1010000
00000 010
02h
01010 001
0 1010000
00001 000
50h
08h
STOP
START 0 1010000
00000 011
50h
CR1 (03h)
STOP
DATA
01h
EXAMPLE I2C TRANSACTIONS (WHEN A0 AND A1 ARE CONNECTED TO GND).
TYPICAL I2C WRITE TRANSACTION
*THE SLAVE ADDRESS IS DETERMINED BY ADDRESS PINS A0 AND A1.
00 000 000
0 00 0 0 0 0 1
50h
A)
C)
B)
D)
SLAVE
ACK
SLAVE
ACK
SLAVE
ACK
SLAVE
ACK
SLAVE
ACK
SLAVE
ACK
SLAVE
ACK
SLAVE
ACK
SLAVE
ACK
START 0 1010000
10000 000
50h
80h
STOP
00h
0 00 0 0 0 0 0
SLAVE
ACK
SLAVE
ACK
SLAVE
ACK
00h
0 00 0 0 0 0 0
SLAVE
ACK
TWO-BYTE READ
- READ 80h AND 81H
E)
START 0 1010000
10000 000
50h
80h
STOP
SLAVE
ACK
SLAVE
ACK
SLAVE
ACK
MASTER
ACK
51h
0 10 1 0 0 0 1
DATA
DATA
MASTER
ACK
LUT 1
LUT 0
REPEATED
START
Figure 4. I2C Communication Examples



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com