Electronic Components Datasheet Search
  English  ▼

X  

GL860 Datasheet(PDF) 13 Page - GENESYS LOGIC

Part # GL860
Description  USB 2.0 PC Camera Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL860 Datasheet(HTML) 13 Page - GENESYS LOGIC

Back Button GL860 Datasheet HTML 9Page - GENESYS LOGIC GL860 Datasheet HTML 10Page - GENESYS LOGIC GL860 Datasheet HTML 11Page - GENESYS LOGIC GL860 Datasheet HTML 12Page - GENESYS LOGIC GL860 Datasheet HTML 13Page - GENESYS LOGIC GL860 Datasheet HTML 14Page - GENESYS LOGIC GL860 Datasheet HTML 15Page - GENESYS LOGIC GL860 Datasheet HTML 16Page - GENESYS LOGIC GL860 Datasheet HTML 17Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
GL860 USB 2.0 PC Camera Controller
©2000-2006 Genesys Logic Inc. - All rights reserved.
Page 13
3.3 Pin Descriptions
Table 3.3 - 100-Pin QFP Pin Descriptions
Pin Name
Pin#
Type
Description
DVDD
27,39,77,81
P
1.8V core power
CMS_DAT0~9
20,21,83~86,
2~5
I
Sensor data bit 0~9
FSH_OEB
6
I
Read strobe of Output enable for flash memory. Low active
FSH_WEB
7
I
Write strobe of Write enable for flash memory. Low active
FSH_ADR0~15
8,9,14~17,
37,38,71~74
, 93~96
I/O
Port 0 and Port 2 for Address of flash memory
GPIO0~14
10~13,57~62,
87,88,31,32,34
I/O
(pd)
GPIO pins bit 0~14
GND
26,40,41,42,
46,47,56,78,
82,99
P
Ground
HRST_
30
I
(pu)
Hardware reset, low active
EXTCPU
33
I
Use external CPU mode for firmware development.
AVDD33
43,49,50
P
3.3V analog power
DM
44
I/O
USB D-
DP
45
I/O
USB D+
RREF
48
A
Reference R
DVDD33
53,79,100
P
3.3V power
X1
54
I
12M crystal in
X2
55
I/O
12M crystal out
FSH_DAT0~7
89,90,91,92,
63,64,67,68
I/O
Data bus of flash memory
CMS_CLK
75
I/O
Sensor clock
TEST
76
I
(pd)
Test mode
VSYNC
97
I/O
Sensor Vsync
HSYNC
98
I/O
Sensor Hsync
NC
1,18,19,22~25,
28,29,35,36,
51,52,65,66,
69,70,80
-
No connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com