Electronic Components Datasheet Search
  English  ▼

X  

GL860 Datasheet(PDF) 14 Page - GENESYS LOGIC

Part # GL860
Description  USB 2.0 PC Camera Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL860 Datasheet(HTML) 14 Page - GENESYS LOGIC

Back Button GL860 Datasheet HTML 10Page - GENESYS LOGIC GL860 Datasheet HTML 11Page - GENESYS LOGIC GL860 Datasheet HTML 12Page - GENESYS LOGIC GL860 Datasheet HTML 13Page - GENESYS LOGIC GL860 Datasheet HTML 14Page - GENESYS LOGIC GL860 Datasheet HTML 15Page - GENESYS LOGIC GL860 Datasheet HTML 16Page - GENESYS LOGIC GL860 Datasheet HTML 17Page - GENESYS LOGIC GL860 Datasheet HTML 18Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
GL860 USB 2.0 PC Camera Controller
©2000-2006 Genesys Logic Inc. - All rights reserved.
Page 14
Table 3.4 - 48-Pin LQFP/QFN/LQFN Pin Descriptions
Pin Name
Pin#
Type
Description
DVDD
12,16,37,40
P
1.8V power for crystal
CMS_DAT1~9
10,42~45,2~5
I
Sensor data bit 1~9
GPIO0~9,13,14
6~9,29~34,
14,15
I/O
(pd)
GPIO pins bit 0~9,13,14
GND
11,17,18,22,
28,38,41,48
P
Ground
DVDD33
1,25,39
P
3.3V core power
HRST
13
I
(pu)
Hardware reset, low active
AVDD33
19,24
P
3.3V analog power
DM
20
I/O
USB D-
DP
21
I/O
USB D+
RREF
23
A
Reference R
X1
26
I
12M crystal in
X2
27
I/O
12M crystal out
CMS_CLK
35
I/O
Sensor clock
TEST
36
I
(pd)
Test mode
VSYNC
46
I/O
Sensor Vsync
HSYNC
47
I/O
Sensor Hsync
NC
10
-
No connection
Notation:
Type
O
Output
I
Input
B
Bi-directional
B/I
Bi-directional, default input
B/O
Bi-directional, default output
P
Power / Ground
A
Analog
pu
Internal pull up
pd
Internal pull down
odpu
Open drain with internal pull up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com