Electronic Components Datasheet Search
  English  ▼

X  

GL860 Datasheet(PDF) 19 Page - GENESYS LOGIC

Part # GL860
Description  USB 2.0 PC Camera Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL860 Datasheet(HTML) 19 Page - GENESYS LOGIC

Back Button GL860 Datasheet HTML 15Page - GENESYS LOGIC GL860 Datasheet HTML 16Page - GENESYS LOGIC GL860 Datasheet HTML 17Page - GENESYS LOGIC GL860 Datasheet HTML 18Page - GENESYS LOGIC GL860 Datasheet HTML 19Page - GENESYS LOGIC GL860 Datasheet HTML 20Page - GENESYS LOGIC GL860 Datasheet HTML 21Page - GENESYS LOGIC GL860 Datasheet HTML 22Page - GENESYS LOGIC GL860 Datasheet HTML 23Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
GL860 USB 2.0 PC Camera Controller
©2000-2006 Genesys Logic Inc. - All rights reserved.
Page 19
CONTROL DIMENSIONS ARE IN MILLIMETERS.
SYMBOL
MILLIMETER
INCH
MIN.
NOM. MAX.
MAX.
MIN.
NOM.
A
A1
A2
D
E
D1
E1
R2
R1
c
L
L1
S
b
e
aaa
bbb
ccc
ddd
D2
E2
TOLERANCES OF FORM AND POSITION
9.00 BASIC
9.00 BASIC
7.00 BASIC
7.00 BASIC
0.354 BASIC
0.354 BASIC
0.276 BASIC
0.276 BASIC
0.05
1.35
1.40
1.60
0.15
1.45
0°
0°
11°
11°
3.5°
12°
12°
7°
13°
13°
0.08
0.08
0.20
0.003
0.003
0.008
0°
0°
11°
11°
3.5°
12°
12°
7°
13°
13°
0.063
0.006
0.057
0.055
0.002
0.053
0.20
0.20
0.08
0.08
0.008
0.008
0.003
0.003
0.50 BASIC
5.50 BASIC
5.50 BASIC
0.020 BASIC
0.217 BASIC
0.217 BASIC
1.00 REF
0.039 REF
0.09
0.45
0.20
0.17
0.60
0.20
0.20
0.75
0.27
0.004
0.018
0.008
0.007
0.024
0.008
0.008
0.030
0.011
0
-
02
-
03
-
01
-
NOTES :
1.
2.
DIMENSIONS D1 AND E1 DO NOT INCLUDE MOLD
PROTRUSION. ALLOWABLE PROTRUSION IS 0.25 mm
PER SIDE. D1 AND E1 ARE MAXIMUM PLASTIC BODY
SIZE DIMENSIONS INCLUDING MOLD MISMATCH.
DIMENSION b DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR PROTRUSION
SHALL NOT CAUSE THE LEAD WIDTH TO EXCEED THE
MAXIMUM b DIMENSION BY MORE THAN 0.08mm.
DAMBAR CAN NOT BE LOCATED ON THE LOWER
RADIUS OR THE FOOT. MINIMUM SPACE BETWEEN
PROTRUSION AND AN ADJACENT LEAD IS 0.07mm.
1
24
25
36
37
48
12
13
SEATING
PLANE
e
b
4X
4X
A
A BD
C
aaa
B
A
D
H
bbb
ddd MC
B
A
s
s
D
B
D1
D2
D
D
A
A2
A1
c
01
-
0
-
C
C
ccc
GAGE PLANE
R1
R2
0.25mm
S
L
03
-
02
-
H
GL860
AAAAAAAGAA
YWWXXXXXXXX
Date Code
Lot Code
Internal
No.
Code
No.
Green
Package
Figure 6.2 - GL860 48 Pin LQFP Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com