Electronic Components Datasheet Search
  English  ▼

X  

GL860 Datasheet(PDF) 18 Page - GENESYS LOGIC

Part # GL860
Description  USB 2.0 PC Camera Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL860 Datasheet(HTML) 18 Page - GENESYS LOGIC

Back Button GL860 Datasheet HTML 14Page - GENESYS LOGIC GL860 Datasheet HTML 15Page - GENESYS LOGIC GL860 Datasheet HTML 16Page - GENESYS LOGIC GL860 Datasheet HTML 17Page - GENESYS LOGIC GL860 Datasheet HTML 18Page - GENESYS LOGIC GL860 Datasheet HTML 19Page - GENESYS LOGIC GL860 Datasheet HTML 20Page - GENESYS LOGIC GL860 Datasheet HTML 21Page - GENESYS LOGIC GL860 Datasheet HTML 22Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
GL860 USB 2.0 PC Camera Controller
©2000-2006 Genesys Logic Inc. - All rights reserved.
Page 18
CHAPTER 6
PACKAGE DIMENSION
31
50
D
e
102
51
103
100
30
1
b
D1
L1
DETAIL "F"
L
GAGE PLANE
S
C
SEE
DETAIL "F"
SEATING PLANE
ccc
A
A1
A2
c
CONTROL DIMENSIONS ARE IN MILLIMETERS.
SYMBOL
MILLIMETER
INCH
MIN.
NOM. MAX.
MAX.
MIN.
NOM.
A
A1
A2
D
D1
E
E1
R2
R1
c
L
L1
S
b
e
aaa
bbb
ccc
ddd
D2
E2
TOLERANCES OF FORM AND POSITION
23.20 BASIC
20.00 BASIC
17.20 BASIC
14.00 BASIC
0.913 BASIC
0.787 BASIC
0.677 BASIC
0.551 BASIC
0.25
2.50
2.72
3.40
2.90
0
0
15 REF
15 REF
7
0.13
0.13
0.30
0.005
0.005
0.012
0
0
15 REF
15 REF
7
0.134
0.114
0.107
0.010
0.098
0.25
0.20
0.13
0.10
0.010
0.008
0.005
0.004
0.65 BASIC
18.85 BASIC
12.35 BASIC
0.026 BASIC
0.742 BASIC
0.486 BASIC
1.60 REF
0.063 REF
0.11
0.73
0.20
0.22
0.88
0.30
0.23
1.03
0.38
0.004
0.029
0.008
0.009
0.035
0.012
0.009
0.041
0.015
0
-
02
-
03
-
01
-
R1
R2
0
-
01
-
NOTES :
1.
2.
DIMENSIONS D1 AND E1 DO NOT INCLUDE MOLD
PROTRUSION. ALLOWABLE PROTRUSION IS 0.25
mm PER SIDE. D1 AND E1 ARE MAXIMUM
PLASTIC BODY SIZE DIMENSIONS INCLUDING
MOLD MISMATCH.
DIMENSION b DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL NOT CAUSE THE LEAD
WIDTH TO EXCEED THE MAXIMUM b DIMENSION
BY MORE THAN 0.08mm. DAMBAR CAN NOT BE
LOCATED ON THE LOWER RADIUS OR THE FOOT.
MINIMUM SPACE BETWEEN PROTRUSION AND
AN ADJACENT LEAD IS 0.07mm.
D2
-D-
-A-
-B-
03
-
02
-
0.25 mm
-C-
aaa C A-B D
4X
bbb H A-B D
4X
ddd M C A-B s D s
0.15
0.006
GL860
AAAAAAAGAA
YWWXXXXXXXX
Date Code
Lot Code
Internal
No.
Code
No.
Green
Package
Figure 6.1 - GL860 100 Pin QFP Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com