Electronic Components Datasheet Search
  English  ▼

X  

ML12149 Datasheet(PDF) 7 Page - LANSDALE Semiconductor Inc.

Part # ML12149
Description  Low Power Voltage Controlled Oscillator Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML12149 Datasheet(HTML) 7 Page - LANSDALE Semiconductor Inc.

Back Button ML12149 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML12149 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML12149 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML12149 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML12149 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML12149 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML12149 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML12149 Datasheet HTML 10Page - LANSDALE Semiconductor Inc. ML12149 Datasheet HTML 11Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
www.lansdale.com
Page 7 of 12
650
675
700
725
750
775
800
825
850
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Figure 4. Typical VCO Tuning Curve, 750 MHz Tank
Tuning Voltage (V)
–40
°C
+25
°C
+85
°C
730
732
734
736
738
740
742
744
746
748
750
2.7
3.0
3.3
3.6
3.9
4.2
4.5
4.8
5.1
5.4
Figure 5. Typical Supply Pushing, 750 MHz Tank
VCC Supply Voltage (V)
–40
°C
+25
°C
+85
°C
LANSDALE Semiconductor, Inc.
ML12149
Legacy Applications Information
Issue B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com