Electronic Components Datasheet Search
  English  ▼

X  

ML12149 Datasheet(PDF) 9 Page - LANSDALE Semiconductor Inc.

Part # ML12149
Description  Low Power Voltage Controlled Oscillator Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML12149 Datasheet(HTML) 9 Page - LANSDALE Semiconductor Inc.

Back Button ML12149 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML12149 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML12149 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML12149 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML12149 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML12149 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML12149 Datasheet HTML 10Page - LANSDALE Semiconductor Inc. ML12149 Datasheet HTML 11Page - LANSDALE Semiconductor Inc. ML12149 Datasheet HTML 12Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
www.lansdale.com
Page 9 of 12
1150
1175
1200
1225
1250
1275
1300
0
0.6
1.2
1.8
2.4
3.0
3.6
4.2
4.8
Figure 8. Typical VCO Tuning Curve, 1200 MHz Tank
(VCC = 5.0 V)
Tuning Voltage (V)
–40
°C
+25
°C
+85
°C
1190
1192
1194
1196
1198
1200
1202
1204
1206
1208
1210
2.7
3.0
3.3
3.6
3.9
4.2
4.5
4.8
5.1
5.4
Figure 9. Typical Supply Pushing, 1200 MHz Tank
VCC Supply Voltage (V)
–40
°C
+25
°C
+85
°C
LANSDALE Semiconductor, Inc.
ML12149
Legacy Applications Information
Issue B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com