Electronic Components Datasheet Search
  English  ▼

X  

ML12149 Datasheet(PDF) 12 Page - LANSDALE Semiconductor Inc.

Part # ML12149
Description  Low Power Voltage Controlled Oscillator Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML12149 Datasheet(HTML) 12 Page - LANSDALE Semiconductor Inc.

Back Button ML12149 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML12149 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML12149 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML12149 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML12149 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML12149 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML12149 Datasheet HTML 10Page - LANSDALE Semiconductor Inc. ML12149 Datasheet HTML 11Page - LANSDALE Semiconductor Inc. ML12149 Datasheet HTML 12Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
www.lansdale.com
Page 12 of 12
SO 8 = -5P
PLASTIC PACKAGE
(ML12149-5P)
CASE 751–06
(SO–8)
ISSUE T
SEATING
PLANE
1
4
5
8
A
0.25 M CB SS
0.25 M
B M
h
C
θ
X 45°
L
DIM
MIN
MAX
MILLIMETERS
A
1.35
1.75
A1
0.10
0.25
B
0.35
0.49
C
0.19
0.25
D
4.80
5.00
E
1.27 BSC
e
3.80
4.00
H
5.80
6.20
h
0
L
0.40
1.25
0.25
0.50
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
2. DIMENSIONS ARE IN MILLIMETER.
3. DIMENSION D AND E DO NOT INCLUDE MOLD
PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE.
5. DIMENSION B DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOW ABLE DAMBAR
PROTRUSION SHALL BE 0.127 TOTAL IN EXCESS
OF THE B DIMENSION AT MAXIMUM MATERIAL
CONDITION.
D
E
H
A
B
e
B
A1
C
A
0.10
OUTLINE DIMENSIONS
ML12149
LANSDALE Semiconductor, Inc
Lansdale Semiconductor reserves the right to make changes without further notice to any products herein to improve reliabili-
ty, function or design. Lansdale does not assume any liability arising out of the application or use of any product or circuit
described herein; neither does it convey any license under its patent rights nor the rights of others. “Typical” parameters which
may be provided in Lansdale data sheets and/or specifications can vary in different applications, and actual performance may
vary over time. All operating parameters, including “Typicals” must be validated for each customer application by the customer’s
technical experts. Lansdale Semiconductor is a registered trademark of Lansdale Semiconductor, Inc.
Issue B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com