Electronic Components Datasheet Search
  English  ▼

X  

ML12149 Datasheet(PDF) 8 Page - LANSDALE Semiconductor Inc.

Part # ML12149
Description  Low Power Voltage Controlled Oscillator Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML12149 Datasheet(HTML) 8 Page - LANSDALE Semiconductor Inc.

Back Button ML12149 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML12149 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML12149 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML12149 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML12149 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML12149 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML12149 Datasheet HTML 10Page - LANSDALE Semiconductor Inc. ML12149 Datasheet HTML 11Page - LANSDALE Semiconductor Inc. ML12149 Datasheet HTML 12Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
www.lansdale.com
Page 8 of 12
5
10
15
20
25
2.7
3.0
3.3
3.6
3.9
4.2
4.5
4.8
5.1
5.4
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
2.7
3.0
3.3
3.6
3.9
4.2
4.5
4.8
Figure 6. Typical Q/QB Output Power versus Supply, 750 MHz Tank
VCC Supply Voltage (V)
–40
°C
+25
°C
+85
°C
+25
°C (LP)
Figure 7. Typical Current Drain versus Supply, 750 MHz Tank
VCC Supply Voltage (V)
CNTL to GND
CNTL–N/C
–40
°C
+25
°C
+85
°C
+25
°C (LP)
CNTL to GND
CNTL–N/C
5.0
ML12149
LANSDALE Semiconductor, Inc
Legacy Applications Information
Issue B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com