Electronic Components Datasheet Search
  English  ▼

X  

GL828 Datasheet(PDF) 11 Page - GENESYS LOGIC

Part # GL828
Description  USB 2.0 SD/MMC Single Slot Card Reader Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL828 Datasheet(HTML) 11 Page - GENESYS LOGIC

Back Button GL828 Datasheet HTML 7Page - GENESYS LOGIC GL828 Datasheet HTML 8Page - GENESYS LOGIC GL828 Datasheet HTML 9Page - GENESYS LOGIC GL828 Datasheet HTML 10Page - GENESYS LOGIC GL828 Datasheet HTML 11Page - GENESYS LOGIC GL828 Datasheet HTML 12Page - GENESYS LOGIC GL828 Datasheet HTML 13Page - GENESYS LOGIC GL828 Datasheet HTML 14Page - GENESYS LOGIC GL828 Datasheet HTML 15Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
GL828 USB 2.0 SD/MMC Single Slot Card Reader Controller
©2000-2006 Genesys Logic Inc. - All rights reserved.
Page 11
3.3 Pin Descriptions
Table 3.2 - Pin Descriptions
Pin name
GL828
LQFP48 Pin
Type
Description
VDD18O
4
P
Internal regulator 1.8V output
GND
5,9,12
P
Analog ground
AVDD
6,11
P
Analog power
DM
7
A
USB D-
DP
8
A
USB D+
RREF
10
A
Reference resistor
X1
13
OSC
12MHz/48MHz input. This pin can be connected to one terminal of crystal or
external 12MHz/48MHz clock source.
X2
14
OSC
12MHz/48MHz output. This is another terminal of the crystal or NC when
using an external 12MHz/48MHz clock source is used to drive PLL.
DVDD
15,26,35
P
Digital power 3.3V
GND
16,27,34
P
Digital ground
VP5
25
P
Regulator 5V Input
PMOSO
36
PMOS
Power MOS 3.3V Output
TEST_MOD
17
I, pd
Test mode selection
EXTRSTZ
18
I, pu
External reset. It is active low. The low pulse should be 1 us width at least.
SD_CDZ
23
B/I, pd
SD& MMC Card detection. Normal High, active low.
D0~D7
40,43,37,29,28,
30,32,38
B/I, f
SD data 0~3
MMC data 0~7
SD_CLK
39
B/I, f
SD/MMC CLK
SD_WPZ
3
B/I, pu
SD Write Protect Detection. When no card is inserted, pull low. When SM or
SD card is inserted, the pin is pull up and active low.
SD_CMD
41
B/I, f
SD/MMC CMD
GPIO0~3
41,48,47,46
B/I, pd
GPIO0~3 / GPIO3 : Power LED
SK
19
B/I, pd
93C46 Clock
CS
20
B/I, pd
93C46 CS
DO
21
B/I, pd
93C46 Data out
DI
22
B/I, pd
93C46 Data in / Access LED
Notation:
Type
A
Analog
B
Bi-directional
B/I
Bi-directional, default input
B/O
Bi-directional, default output
I
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com