Electronic Components Datasheet Search
  English  ▼

X  

GL828 Datasheet(PDF) 19 Page - GENESYS LOGIC

Part # GL828
Description  USB 2.0 SD/MMC Single Slot Card Reader Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL828 Datasheet(HTML) 19 Page - GENESYS LOGIC

Back Button GL828 Datasheet HTML 15Page - GENESYS LOGIC GL828 Datasheet HTML 16Page - GENESYS LOGIC GL828 Datasheet HTML 17Page - GENESYS LOGIC GL828 Datasheet HTML 18Page - GENESYS LOGIC GL828 Datasheet HTML 19Page - GENESYS LOGIC GL828 Datasheet HTML 20Page - GENESYS LOGIC GL828 Datasheet HTML 21Page - GENESYS LOGIC GL828 Datasheet HTML 22Page - GENESYS LOGIC GL828 Datasheet HTML 23Page - GENESYS LOGIC  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
GL828 USB 2.0 SD/MMC Single Slot Card Reader Controller
©2000-2006 Genesys Logic Inc. - All rights reserved.
Page 19
Parameter
Description
Min
Typ
Max
Unit
Trst
Chip reset sense timing width
2
─
─
us
T1
External reset valid from power up to
high
1.03
─
─
ms
T2
Reset Deassertion to respond USB
command ready
72
─
─
ms
6.6.4 EEPROM 93C46 Timing
Figure 6.7 - Timing Diagram of EEPROM 93C46
AC Characteristics of 93C46 Interface (with CLOAD = 15 pF)
PARAMETER
DESCRIPTION
MINIMUM
MAXIMUM
UNIT
fSK
SK clock frequency
200k
400k
Hz
tWH
SK H pulse length
500
─
ns
tWL
SK L pulse length
500
5
ns
tTLH
SK rise time
─
10
ns
tTHL
SK fall time
─
10
ns
tCSS
CS setup time
1
─
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com