Electronic Components Datasheet Search
  English  ▼

X  

GL828 Datasheet(PDF) 18 Page - GENESYS LOGIC

Part # GL828
Description  USB 2.0 SD/MMC Single Slot Card Reader Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL828 Datasheet(HTML) 18 Page - GENESYS LOGIC

Back Button GL828 Datasheet HTML 14Page - GENESYS LOGIC GL828 Datasheet HTML 15Page - GENESYS LOGIC GL828 Datasheet HTML 16Page - GENESYS LOGIC GL828 Datasheet HTML 17Page - GENESYS LOGIC GL828 Datasheet HTML 18Page - GENESYS LOGIC GL828 Datasheet HTML 19Page - GENESYS LOGIC GL828 Datasheet HTML 20Page - GENESYS LOGIC GL828 Datasheet HTML 21Page - GENESYS LOGIC GL828 Datasheet HTML 22Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
GL828 USB 2.0 SD/MMC Single Slot Card Reader Controller
©2000-2006 Genesys Logic Inc. - All rights reserved.
Page 18
SD Interface Timing (CL = 30PF)
SYMBOL
PARAMETER
CLOCK RATE
UNIT
fPP
Clock frequency Data Transfer Mode
48
20
15
6
MHz
fOD
Clock frequency Identification Mode
375
375
375
375
KHz
tWL
Clock low time (min)
7.4
22
30
80
ns
tWH
Clock high time (min)
7.4
22
30
80
ns
tTLH
Clock rise time (max)
3
3
3
3
ns
tTHL
Clock fall time (max)
3
3
3
3
ns
tISU
Input set-up time (min)
6.6
19.8
27
72
ns
tIH
Input hold time (min)
6.6
19.8
27
72
ns
tODLY
Output delay time (max)
2
2
2
2
ns
6.6.3 Reset Timing
EXTRSTZ
Trst
Figure 6.5 - Timing Diagram of Reset width
Figure 6.6 - Timing Diagram of Power Good to USB command receive ready



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com