Electronic Components Datasheet Search
  English  ▼

X  

GL828 Datasheet(PDF) 16 Page - GENESYS LOGIC

Part # GL828
Description  USB 2.0 SD/MMC Single Slot Card Reader Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL828 Datasheet(HTML) 16 Page - GENESYS LOGIC

Back Button GL828 Datasheet HTML 12Page - GENESYS LOGIC GL828 Datasheet HTML 13Page - GENESYS LOGIC GL828 Datasheet HTML 14Page - GENESYS LOGIC GL828 Datasheet HTML 15Page - GENESYS LOGIC GL828 Datasheet HTML 16Page - GENESYS LOGIC GL828 Datasheet HTML 17Page - GENESYS LOGIC GL828 Datasheet HTML 18Page - GENESYS LOGIC GL828 Datasheet HTML 19Page - GENESYS LOGIC GL828 Datasheet HTML 20Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
GL828 USB 2.0 SD/MMC Single Slot Card Reader Controller
©2000-2006 Genesys Logic Inc. - All rights reserved.
Page 16
6.4 PMOS Characteristics
Table 6.4 - PMOS Driving Strength versus Junction Temperature
(Core Power=1.8V, IO Power=3.3V)
Junction Temperature
25 °°°°C
80 °°°°C
0 °°°°C
Driving Strength (mA)
186.2 ± 10%
153.5 ± 10%
212.7 ± 10%
On-Resistance (ohm)
1.61 ± 10%
1.951 ± 10%
1.421 ± 10%
Note:
1.
Driving strength is defined as the PMOS sinking current when Vio=3.3V, Vd=3.1V.
2.
On-resistance is calculated by 0.2V divided by driving strength.
Figure 6.1 - Embedded PMOS Switch Architecture
Figure 6.2 – V-I Curve of PMOS Switch @ 25 °°°°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com