Electronic Components Datasheet Search
  English  ▼

X  

ML13150 Datasheet(PDF) 13 Page - LANSDALE Semiconductor Inc.

Part # ML13150
Description  Narrowband FM Coilless Detector IF Subsystem
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML13150 Datasheet(HTML) 13 Page - LANSDALE Semiconductor Inc.

Back Button ML13150 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML13150 Datasheet HTML 10Page - LANSDALE Semiconductor Inc. ML13150 Datasheet HTML 11Page - LANSDALE Semiconductor Inc. ML13150 Datasheet HTML 12Page - LANSDALE Semiconductor Inc. ML13150 Datasheet HTML 13Page - LANSDALE Semiconductor Inc. ML13150 Datasheet HTML 14Page - LANSDALE Semiconductor Inc. ML13150 Datasheet HTML 15Page - LANSDALE Semiconductor Inc. ML13150 Datasheet HTML 16Page - LANSDALE Semiconductor Inc. ML13150 Datasheet HTML 17Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LANSDALE Semiconductor, Inc.
ML13150
TYPICAL PERFORMANCE OVER TEMPERATURE
TA, AMBIENT TEMPERATURE (°C)
TA, AMBIENT TEMPERATURE (°C)
Figure 21. Total Supply Current
versus Ambient Temperature
TA, AMBIENT TEMPERATURE (°C)
Figure 22. Minimum Supply Voltage
versus Ambient Temperature
Figure 23. RSSI Current versus
Ambient Temperature and Signal Level
Figure 24. Recovered Audio versus
Ambient Temperature
Figure 25. Demod DC Output Voltage
versus Ambient Temperature
Figure 26. LO Current versus
Ambient Temperature
1.8
1.75
1.7
1.65
1.6
1.4
TA, AMBIENT TEMPERATURE (°C)
3.0
2.5
2.0
1.5
1.0
60
50
40
30
20
10
0
TA, AMBIENT TEMPERATURE (°C)
TA, AMBIENT TEMPERATURE (°C)
0.7
0.65
0.6
0.55
0.5
0.4
0.45
1.7
1.6
1.5
1.4
0.9
1.3
–40
–20
0
20
40
60
80
100
90
80
70
50
60
1.55
1.5
1.45
–40
–20
0
20
40
60
80
–40
–20
0
20
40
60
80
–40
–20
0
20
40
60
80
100
–40
–20
0
20
40
60
80
100
1.2
1.1
1.0
–40
–20
0
20
40
60
80
VCC = 3.0 Vdc
VCC = 3.0 Vdc
fRF = 50 MHz
Vin =
0 dBm
–20 dBm
–40 dBm
–60 dBm
–80 dBm
–100 dBm
–120 dBm
VCC = 3.0 Vdc
RF In = –50 dBm
fc = 50 MHz
fLO = 50.455 MHz
fdev = –4.0 kHz
VCC = 3.0 Vdc
RF In = –50 dBm
fc = 50 MHz
fLO = 50.455 MHz
fdev = ±4.0 kHz
VCC = 3.0 Vdc
RF In = –50 dBm
fc = 50 MHz
fLO = 50.455 MHz
fdev = ±4.0 kHz
www.lansdale.com
Page 13 of 20
Issue A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com