Electronic Components Datasheet Search
  English  ▼

X  

ML13150 Datasheet(PDF) 2 Page - LANSDALE Semiconductor Inc.

Part # ML13150
Description  Narrowband FM Coilless Detector IF Subsystem
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML13150 Datasheet(HTML) 2 Page - LANSDALE Semiconductor Inc.

  ML13150 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML13150 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML13150 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML13150 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML13150 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML13150 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML13150 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML13150 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML13150 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ML13150
LANSDALE Semiconductor, Inc.
MAXIMUM RATINGS
Rating
Pin
Symbol
Value
Unit
Power Supply Voltage
2, 9
VCC(max)
6.5
Vdc
Junction Temperature
-
TJmax
+150
C
Storage Temperature Range
-
Tstg
-65 to +150
C
NOTE:
1. Devices should not be operated at or outside these values. The “Recommended Operating
Limits” provide for actual device operation.
2. ESD data available upon request.
RECOMMENDED OPERATING CONDITIONS
Rating
Pin
Symbol
Value
Unit
Power Supply Voltage
TA = 25 C
–40 C
TA 85 C
(See Figure 22)
2, 9
21, 31
VCC
VEE
2.5 to 6.0
0
Vdc
Input Frequency
32
fin
10 to 500
MHz
Ambient Temperature Range
-
TA
-40 to +85
C
Input Signal Level
32
Vin
0
dBm
DC ELECTRICAL CHARACTERISTICS (TA = 25 C, VCC1 = VCC2 = 3.0 Vdc, No Input Signal.)
Characteristics
Condition
Pin
Symbol
Min
Typ
Max
Unit
Total Drain Current
(See Figure 2)
VS = 3.0 Vdc
2 + 9
ITOTAL
-
1.7
3.0
mA
Supply Current, Power Down
(See Figure 3)
-
2 + 9
-
-
40
-
nA
AC ELECTRICAL CHARACTERISTICS (TA = 25 C, VS = 3.0 Vdc, fRF = 50 MHz, fLO = 50.455 MHz,
LO Level = –10 dBm, see Figure 1 Test Circuit*, unless otherwise specified.)
Characteristics
Condition
Pin
Symbol
Min
Typ
Max
Unit
12 dB SINAD Sensitivity
(See Figure 15)
fmod = 1.0 kHz;
fdev = ±5.0 kHz
32
-
-
–100
-
dBm
RSSI Dynamic Range
(See Figure 7)
-
25
-
-
100
-
dB
Input 1.0 dB Compression Point
Input 3rd Order Intercept Point
(See Figure 18)
-
-
-
-
1.0 dB C. Pt.
IIP3
-
-
-1 1
-1.0
-
-
dBm
Coilless Detector Bandwidth
Adjust (See Figure 11)
Measured with No IF Filters
-
∆BW adj
-
26
-
kHz/
µA
MIXER
Conversion Voltage Gain
(See Figure 5)
Pin = -30 dBm;
PLO = -10 dBm
32
-
-
10
-
dB
Mixer Input Impedance
Single-Ended
32
-
-
200
-
Ω
Mixer Output Impedance
-
1
-
-
1.5
-
k
Ω
LOCAL OSCILLATOR
LO Emitter Current
(See Figure 26)
-
29
-
30
63
100
µA
IF & LIMITING AMPLIFIERS SECTION
IF and Limiter RSSI Slope
Figure 7
25
-
-
0.4
-
µA/dB
IF Gain
Figure 8
4, 8
-
-
42
-
dB
IF Input & Output Impedance
-
4, 8
-
-
1.5
-
k
Ω
Limiter Input Impedance
-
10
-
-
1.5
-
k
Ω
Limiter Gain
-
-
-
-
96
-
dB
* Figure 1 Test Circuit uses positive (VCC) Ground.
www.lansdale.com
Page 2 of 20
Issue A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com