Electronic Components Datasheet Search
  English  ▼

X  

ML13150 Datasheet(PDF) 18 Page - LANSDALE Semiconductor Inc.

Part # ML13150
Description  Narrowband FM Coilless Detector IF Subsystem
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML13150 Datasheet(HTML) 18 Page - LANSDALE Semiconductor Inc.

Back Button ML13150 Datasheet HTML 12Page - LANSDALE Semiconductor Inc. ML13150 Datasheet HTML 13Page - LANSDALE Semiconductor Inc. ML13150 Datasheet HTML 14Page - LANSDALE Semiconductor Inc. ML13150 Datasheet HTML 15Page - LANSDALE Semiconductor Inc. ML13150 Datasheet HTML 16Page - LANSDALE Semiconductor Inc. ML13150 Datasheet HTML 17Page - LANSDALE Semiconductor Inc. ML13150 Datasheet HTML 18Page - LANSDALE Semiconductor Inc. ML13150 Datasheet HTML 19Page - LANSDALE Semiconductor Inc. ML13150 Datasheet HTML 20Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
ML13150
LANSDALE Semiconductor, Inc.
ML13150-A9P
PLASTIC PACKAGE
CASE 977–01
(LQFP–24)
ISSUE O
OUTLINE DIMENSIONS
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
4.000 BSC
0.157 BSC
A1
2.000 BSC
0.079 BSC
B
4.000 BSC
0.157 BSC
B1
2.000 BSC
0.079 BSC
C
1.400
1.600
0.055
0.063
D
0.170
0.270
0.007
0.011
E
1.350
1.450
0.053
0.057
F
0.170
0.230
0.007
0.009
G
0.500 BSC
0.020 BSC
H
0.050
0.150
0.002
0.006
J
0.090
0.200
0.004
0.008
K
0.500
0.700
0.020
0.028
M
12 REF
12 REF
N
0.090
0.160
0.004
0.006
P
0.250 BSC
0.010 BSC
Q
1°
5°
1°
5°
R
0.150
0.250
0.006
0.010
S
6.000 BSC
0.236 BSC
S1
3.000 BSC
0.118 BSC
V
6.000 BSC
0.236 BSC
V1
3.000 BSC
0.118 BSC
W
0.200 REF
0.008 REF
X
1.000 REF
0.039 REF
NOTES:
1 DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2 CONTROLLING DIMENSION: MILLIMETER.
3 DATUM PLANE –AB– IS LOCATED AT BOTTOM OF
LEAD AND IS COINCIDENT WITH THE LEAD
WHERE THE LEAD EXITS THE PLASTIC BODY AT
THE BOTTOM OF THE PARTING LINE.
4 DATUMS –T–, –U–, AND –Z– TO BE DETERMINED
AT DATUM PLANE –AB–.
5 DIMENSIONS S AND V TO BE DETERMINED AT
DATUM PLANE –AC–.
6 DIMENSIONS A AND B DO NOT INCLUDE MOLD
PROTRUSION. ALLOWABLE PROTRUSION IS
0.250 (0.010) PER SIDE. DIMENSIONS A AND B DO
INCLUDE MOLD MISMATCH AND ARE
DETERMINED AT DATUM PLANE AB.
7 DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. DAMBAR PROTRUSION SHALL
NOT CAUSE THE D DIMENSION TO EXCEED
0.350 (0.014).
8 MINIMUM SOLDER PLATE THICKNESS SHALL BE
0.0076 (0.0003).
9 EXACT SHAPE OF EACH CORNER IS OPTIONAL.
DETAIL AD
DETAIL Y
4X
4X
1
6
7
13
19
12
18
24
S
S1
A
A1
–U–
T–U
0.200 (0.008)
Z
AB
9
B
B1
–T–
V
V1
–Z–
T–U
0.200 (0.008)
Z
AB
–AC–
–AB–
0.080 (0.003) AC
R
DETAIL AD
DETAIL Y
AE
AE
K
X
W
G
TOP & BOTTOM
SECTION AEAE
M
Q
CE
H
0.250 (0.010)
GAUGE
PLANE
F
D
N
J
–T–, –U–, –Z–
P
S
T–U
S
0.080 (0.003)
Z S
AC
www.lansdale.com
Page 18 of 20
Issue A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com