Electronic Components Datasheet Search
  English  ▼

X  

ML13150 Datasheet(PDF) 19 Page - LANSDALE Semiconductor Inc.

Part # ML13150
Description  Narrowband FM Coilless Detector IF Subsystem
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML13150 Datasheet(HTML) 19 Page - LANSDALE Semiconductor Inc.

Back Button ML13150 Datasheet HTML 12Page - LANSDALE Semiconductor Inc. ML13150 Datasheet HTML 13Page - LANSDALE Semiconductor Inc. ML13150 Datasheet HTML 14Page - LANSDALE Semiconductor Inc. ML13150 Datasheet HTML 15Page - LANSDALE Semiconductor Inc. ML13150 Datasheet HTML 16Page - LANSDALE Semiconductor Inc. ML13150 Datasheet HTML 17Page - LANSDALE Semiconductor Inc. ML13150 Datasheet HTML 18Page - LANSDALE Semiconductor Inc. ML13150 Datasheet HTML 19Page - LANSDALE Semiconductor Inc. ML13150 Datasheet HTML 20Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
ML13150
LANSDALE Semiconductor, Inc.
ML13150-B9P
PLASTIC PACKAGE
CASE 873–01
(LQFP–32)
ISSUE A
OUTLINE DIMENSIONS
0.274
0.274
0.055
0.010
0.051
0.010
–
0.005
0.013
6°
0.005
5°
0.006
0.348
0.006
5°
0.348
MIN
MIN
MAX
MAX
MILLIMETERS
INCHES
DIM
7.10
7.10
1.60
0.373
1.50
–
0.20
0.197
0.57
8°
0.135
10°
0.25
9.15
0.25
11°
9.15
6.95
6.95
1.40
0.273
1.30
0.273
–
0.119
0.33
6°
0.119
5°
0.15
8.85
0.15
5°
8.85
0.031 BSC
0.220 REF
0.016 BSC
0.80 BSC
5.6 REF
0.40 BSC
A
B
C
D
E
F
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
X
0.280
0.280
0.063
0.015
0.059
–
0.008
0.008
0.022
8°
0.005
10°
0.010
0.360
0.010
11°
0.360
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DATUM PLANE -H- IS LOCATED AT BOTTOM OF LEAD AND IS
COINCIDENT WITH THE LEAD WHERE THE LEAD EXITS THE
PLASTIC BODY AT THE BOTTOM OF THE PARTING LINE.
4. DATUMS -A-, -B- AND -D- TO BE DETERMINED AT DATUM
PLANE -H-.
5. DIMENSIONS S AND V TO BE DETERMINED AT SEATING PLANE
-C-.
6. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION.
ALLOWABLE PROTRUSION IS 0.25 (0.010) PER SIDE.
DIMENSIONS A AND B DO INCLUDE MOLD MISMATCH AND
ARE DETERMINED AT DATUM PLANE -H-.
7. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION.
ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003)
TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM
MATERIAL CONDITION. DAMBAR CANNOT BE LOCATED ON
THE LOWER RADIUS OR THE FOOT.
-H-
DATUM
PLANE
X
K
DETAIL C
U
T
R
Q
P
DETAIL A
-A-,-B-,-D-
B
B
J
BASE METAL
D
N
SECTION B-B
VIEW ROTATED 90
5 CLOCKWISE
F
-H-
DATUM
PLANE
H
32
25
24
17
16
9
8
1
V
B
-B-
L
-A-
L
-D-
A
S
DETAIL A
-C-
SEATING
PLANE
C E
DETAIL C
M
M
G
1.0 REF
0.039 REF
C
0.20 (0.008)
A–B
D
S
S
M
0.01 (0.004)
H
0.20 (0.008)
A–B
D
S
S
M
C
0.20 (0.008)
A–B
D
A–B
0.05 (0.002)
S
S
M
www.lansdale.com
Page 19 of 20
Issue A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com