Electronic Components Datasheet Search
  English  ▼

X  

STW5098 Datasheet(PDF) 59 Page - STMicroelectronics

Part # STW5098
Description  Dual low power asynchronous stereo audio Codec with integrated power amplifiers
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5098 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button STW5098 Datasheet HTML 55Page - STMicroelectronics STW5098 Datasheet HTML 56Page - STMicroelectronics STW5098 Datasheet HTML 57Page - STMicroelectronics STW5098 Datasheet HTML 58Page - STMicroelectronics STW5098 Datasheet HTML 59Page - STMicroelectronics STW5098 Datasheet HTML 60Page - STMicroelectronics STW5098 Datasheet HTML 61Page - STMicroelectronics STW5098 Datasheet HTML 62Page - STMicroelectronics STW5098 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 85 page
background image
STw5098
Operative ranges
59/85
9
Operative ranges
9.1
Absolute maximum ratings
9.2
Operative supply voltage
Table 34.
Absolute maximum ratings
Parameter
Value
Unit
VCC or VCCIO to GND
-0.5 to 3.6
V
VCCA or VCCP to GND
-0.5 to 5
V
VCCLS to GND
-0.5 to 7
V
Voltage at analog inputs (VCCA ≤3.3V)
GND-0.5 to VCCA+0.5
V
Maximum power delivered to the load from LSP/N
500
mW
Peak current at HPR,HPL
100
mA
Current at VCCP, VCCLS, GNDP
350
mA
Current at any digital output
50
mA
Voltage at any digital input (VCCIO ≤2.7V); limited at ± 50mA
GND-0.5 to VCCIO+0.5
V
Storage temperature range
-65 to 150
°C
Operating temperature range(1)
-30 to 85
°C
Electrostatic discharge voltage (Vesd)
Human body model(2)
Charge device model(3)
-2 to +2
-500 to +500
kV
V
1.
in some operating conditions the temperature can be limited to 70 °C. See loudspeaker driver description from
Section 4.10
for details.
2.
HBM tests have been performed in compliance with JESD22-A114-B and ESD STM 5.1-2001.HBM
3.
CDM tests have been performed in compliance with CDM ANSI-ESDSTM5.3.1-1999
Table 35.
Operative supply voltage
Symbol
Parameter
Condition
Min.
Max.
Unit
VCC
Digital supply
1.71
2.7
V
VCCA
Analog supply
Note: VCCA ≥ VCC
A24V=0 (bit 1 in CR0)
A24V=1 (bit 1 in CR0)
2.7
2.4
3.3
2.7
V
V
VCCIO
Digital I/O supply
D12V=0 (bit 0 in CR0)
D12V=1 (bit 0 in CR0)
1.71
1.2
VCC
1.8
V
V
VCCP
Stereo power drivers supply
VCCA
3.3
V
VCCLS
Mono power driver supply
VCCA
5.5
V
VG
Single supply voltage range
VCC=VCCA=VCCIO=VCCP=VCCLS
A24V=1 (bit 1 in CR0)
2.4
2.7
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com