Electronic Components Datasheet Search
  English  ▼

X  

STW5098 Datasheet(PDF) 63 Page - STMicroelectronics

Part # STW5098
Description  Dual low power asynchronous stereo audio Codec with integrated power amplifiers
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5098 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button STW5098 Datasheet HTML 59Page - STMicroelectronics STW5098 Datasheet HTML 60Page - STMicroelectronics STW5098 Datasheet HTML 61Page - STMicroelectronics STW5098 Datasheet HTML 62Page - STMicroelectronics STW5098 Datasheet HTML 63Page - STMicroelectronics STW5098 Datasheet HTML 64Page - STMicroelectronics STW5098 Datasheet HTML 65Page - STMicroelectronics STW5098 Datasheet HTML 66Page - STMicroelectronics STW5098 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 85 page
background image
STw5098
Electrical characteristics
63/85
10.3
Analog interfaces
Information below is for each entity.
Table 41.
Analog interface specifications
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IMIC
MIC input leakage
GND< VMIC< VCCA
-100
+100
µA
RMIC
MIC input resistance
30
50
k
Ω
RLIN
Line in input resistance
30
k
Ω
RLHP
Headphones (HP) drivers
load resistance
HPL, HPR to GNDP or
VCMHP
14.4
16/32
Ω
RLEAR
Earphone (EAR) drivers
load resistance
1 EARP to 1EARN
30
32
Ω
RLLS
Loudspeaker (LS) drivers
load resistance
2LSP to 2LSN
6.4
8
Ω
CLHP
Headphones (HP) drivers
load capacitance
HPL, HPR to GNDP or
VCMHP
50
50*
pF
nF
CLEAR
Earphone (EAR) drivers
load capacitance
1 EARP to 1EARN
50
50*
pF
nF
CLLS
Loudspeaker (LS) drivers
load capacitance
2LSP to 2LSN
50
50*
pF
nF
VOFFLS
Differential offset voltage
at 2LSP, 2LSN
RL =50Ω
-50
+50
mV
VOFFEAR
Differential offset voltage
at 1EARP, 1EARN
RL =50Ω
-50
+50
mV
RLOL
Line out (OL) diff./single-
ended driver load
resistance
OLP/ORP to OLN/ORN or
OLP/ORP to GND
(decoupled)
1k
Ω
* with series resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com