Electronic Components Datasheet Search
  English  ▼

X  

STW5098 Datasheet(PDF) 62 Page - STMicroelectronics

Part # STW5098
Description  Dual low power asynchronous stereo audio Codec with integrated power amplifiers
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5098 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button STW5098 Datasheet HTML 58Page - STMicroelectronics STW5098 Datasheet HTML 59Page - STMicroelectronics STW5098 Datasheet HTML 60Page - STMicroelectronics STW5098 Datasheet HTML 61Page - STMicroelectronics STW5098 Datasheet HTML 62Page - STMicroelectronics STW5098 Datasheet HTML 63Page - STMicroelectronics STW5098 Datasheet HTML 64Page - STMicroelectronics STW5098 Datasheet HTML 65Page - STMicroelectronics STW5098 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 85 page
background image
Electrical characteristics
STw5098
62/85
10
Electrical characteristics
Unless otherwise specified, VCCIO = 1.71V to 2.7V, Tamb = -30°C to 85°C; typical
characteristic are specified at VCCIO = 2.0V, Tamb = 25°C; all signals are referenced to GND.
10.1
Digital interfaces
Note:
See Figure 13: A.C. testing input-output waveform on page 58.
10.2
AMCK with sinusoid input
Table 39.
Digital interfaces specifications
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIL
Input low voltage
All digital inputs
DC
AC
0.3
•VCCIO
0.2
•VCCIO
V
V
VIH
Input high voltage
All digital inputs,
DC
AC
0.7
•VCCIO
0.8
•VCCIO
V
V
VOL
Output low voltage
All digital outputs
IL =10µA
IL =2µA
0.1
0.4
V
V
VOH
Output high voltage
All digital outputs
IL =10µA
IL =2µA
VCCIO-0.1
VCCIO-0.4
V
V
IIL
Input low current
Any digital input,
GND < VIN < VIL
-1
1
µA
IIH
Input high current
Any digital input,
VIH < VIN < VCCIO
-1
1
µA
IOZ
Output current in
high impedance
(Tristate)
Tristate outputs
-1
1
µA
Table 40.
AMCK with sinusoid input specifications
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
CAMCK
Minimum External
Capacitance
AMCKSIN=1, see CR30
100
pF
VAMCK
AMCK sinusoidal voltage
swing
AMCKSIN=1, see CR30
0.5
VCCIO
VPP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com