Electronic Components Datasheet Search
  English  ▼

X  

STW5098 Datasheet(PDF) 76 Page - STMicroelectronics

Part # STW5098
Description  Dual low power asynchronous stereo audio Codec with integrated power amplifiers
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5098 Datasheet(HTML) 76 Page - STMicroelectronics

Back Button STW5098 Datasheet HTML 72Page - STMicroelectronics STW5098 Datasheet HTML 73Page - STMicroelectronics STW5098 Datasheet HTML 74Page - STMicroelectronics STW5098 Datasheet HTML 75Page - STMicroelectronics STW5098 Datasheet HTML 76Page - STMicroelectronics STW5098 Datasheet HTML 77Page - STMicroelectronics STW5098 Datasheet HTML 78Page - STMicroelectronics STW5098 Datasheet HTML 79Page - STMicroelectronics STW5098 Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 85 page
background image
Typical performance plots
STw5098
76/85
Figure 26.
ADC path FFT
Figure 27.
ADC S/N versus input-level
Figure 28.
DAC path FFT
Figure 29.
DAC S/N versus input-level
Figure 30.
Analog path FFT
Figure 31.
Analog path S/N versus input-level
-120
-100
-80
-60
-40
-20
0
0
2k
4k
6k
8k 10k 12k 14k 16k 18k 20k
Frequency [Hz]
12 MHz master clock.
Differential input at Mic preamplifier, 21 dB gain.
48 kHz sampling rate.
Both channels active
20
30
40
50
60
70
80
90
100
-60
-50
-40
-30
-20
-10
0
Input Level [dBFS]
12 MHz master clock
Differential input at Line-In Amplifier, 0 dB gain.
48 kHz Sampling Rate
A-Weighted, Both channels active
12 MHz master clock.
48 kHz sampling rate
Differential output at line-out, 1k
Ω load.
Both channels active
-120
-100
-80
-60
-40
-20
0
0
2k
4k
6k
8k 10k 12k 14k 16k 18k 20k
Frequency [Hz]
20
30
40
50
60
70
80
90
100
-60
-50
-40
-30
-20
-10
0
Input Level [dBFS]
12 MHz master clock.
48 kHz Sampling Rate
Differential output at Line-Out, 1k
Ω load.
A-Weighted, Both channels active
-120
-100
-80
-60
-40
-20
0
0
2k
4k
6k
8k 10k 12k 14k 16k 18k 20k
Frequency [Hz]
Differential input at Mic Preamplifier, 21 dB gain.
Direct Mic to Line-Out connection (MICLO=1)
Differential output at Line-Out, 20k
Ω load. Both channels active
20
30
40
50
60
70
80
90
100
-60
-50
-40
-30
-20
-10
0
Input Level [dBFS]
Differential input at Line-In Amplifier, 0 dB gain.
Line-In to DA-Mixer to Line-Out connection.
Differential output at Line-Out, 20k
Ω load. A-weighted, both channels
active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com