Electronic Components Datasheet Search
  English  ▼

X  

TLC3544 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLC3544
Description  5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC3544 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLC3544 Datasheet HTML 2Page - Texas Instruments TLC3544 Datasheet HTML 3Page - Texas Instruments TLC3544 Datasheet HTML 4Page - Texas Instruments TLC3544 Datasheet HTML 5Page - Texas Instruments TLC3544 Datasheet HTML 6Page - Texas Instruments TLC3544 Datasheet HTML 7Page - Texas Instruments TLC3544 Datasheet HTML 8Page - Texas Instruments TLC3544 Datasheet HTML 9Page - Texas Instruments TLC3544 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
TLC3544, TLC3548
5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL
ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
SLAS266C – OCTOBER 2000 – REVISED MAY 2003
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
general electrical characteristics over recommended operating free-air temperature range,
single-ended input, normal long sampling, 200 KSPS, AVDD = 5 V, external reference (VREFP = 4 V,
VREFM = 0 V) or internal reference, SCLK frequency = 25 MHz, fixed channel at CONV mode 00,
analog input signal source resistance = 25
Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Digital Input
VIH
High level control input voltage
DVDD = 5 V
3.8
V
VIH
High-level control input voltage
DVDD = 3 V
2.1
V
VIL
Low-level control input voltage
DVDD = 5 V
0.8
V
VIL
Low level control in ut voltage
DVDD = 3 V
0.6
V
IIH
High-level input current
VI = DVDD
0.005
2.5
µA
IIL
Low-level input current
VI = DGND
–2.5
0.005
µA
Input capacitance
20
25
pF
Digital output
VOH
High-level digital output,
IO = 02 mA
DVDD = 5 V
4.2
V
VOH
High level digital out ut,
VOH at 30-pF load
IO = –0.2 mA
DVDD = 3 V
2.4
V
DVDD =5V
IO = 0.8 mA
0.4
VOL
Low-level digital output,
DVDD = 5 V
IO = 50 µA
0.1
V
VOL
Low level digital out ut,
VOL at 30-pF load
DVDD =3V
IO = 0.8 mA
0.4
V
OL
DVDD = 3 V
IO = 50 µA
0.1
IOZ
Off-state output current
VO = DVDD
CS
DV
0.02
1
µA
IOZ
Off state out ut current
(high-impedance state)
VO = DGND
CS = DVDD
–1
–0.02
µA
Power Supply
AVDD
Supply voltage
4.5
5
5.5
V
DVDD
Supply voltage
2.7
5
5.5
V
ICC
Power supply
AVDD current-
AICC
Conversion clock is internal OSC,
EXT reference AVDD =5 5Vto4 5V
2.8
3.6
mA
ICC
Power su
ly
current
DVDD current-
DICC
EXT. reference, AVDD = 5.5 V to 4.5 V,
CS = DGND
1.2
2
mA
ICC(SW)
Sft
d
l
t
For all digital inputs DVDD or
DGND CS =DVDD
SCLK ON
175
240
µA
ICC(SW)
Software
power-down
power
supply
current
DGND, CS = DVDD,
AVDD = 5.5 V
SCLK OFF
20
µA
ICC(A t d
)
Autopower-down power supply
For all digital inputs DVDD or
DGND AVDD =5 5V
SCLK ON
175
230
µA
ICC(Autodown)
Autopower-down power supply
current
DGND, AVDD = 5.5 V,
External reference
SCLK OFF
20
µA
Operating temperat re
C suffix
0
70
°C
Operating temperature
I suffix
–40
85
°C
† All typical values are at TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com