Electronic Components Datasheet Search
  English  ▼

X  

TLC3544 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLC3544
Description  5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC3544 Datasheet(HTML) 1 Page - Texas Instruments

  TLC3544 Datasheet HTML 1Page - Texas Instruments TLC3544 Datasheet HTML 2Page - Texas Instruments TLC3544 Datasheet HTML 3Page - Texas Instruments TLC3544 Datasheet HTML 4Page - Texas Instruments TLC3544 Datasheet HTML 5Page - Texas Instruments TLC3544 Datasheet HTML 6Page - Texas Instruments TLC3544 Datasheet HTML 7Page - Texas Instruments TLC3544 Datasheet HTML 8Page - Texas Instruments TLC3544 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
SCLK
FS
SDI
EOC/INT
SDO
DGND
DVDD
CS
A0
A1
A2
A3
CSTART
AVDD
AGND
BGAP
REFM
REFP
AGND
AVDD
A7
A6
A5
A4
TLC3548
DW OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
SCLK
FS
SDI
EOC/INT
SDO
DGND
DVDD
CS
A0
A1
CSTART
AVDD
AGND
BGAP
REFM
REFP
AGND
AVDD
A3
A2
TLC3544
DW OR PW PACKAGE
(TOP VIEW)
TLC3544, TLC3548
5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL
ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
SLAS266C – OCTOBER 2000 – REVISED MAY 2003
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D 14-Bit Resolution
D Maximum Throughput 200 KSPS
D Analog Input Range 0-V to Reference
Voltage
D Multiple Analog Inputs:
– 8 Channels for TLC3548
– 4 Channels for TLC3544
D Pseudodifferential Analog Inputs
D SPI/DSP-Compatible Serial Interfaces With
SCLK up to 25 MHz
D Single 5-V Analog Supply; 3-/5-V Digital
Supply
D Low Power:
– 4 mA (Internal Reference: 1.8 mA) for
Normal Operation
– 20
µA in Autopower-Down
D Built-In 4-V Reference, Conversion Clock
and 8x FIFO
D Hardware-Controlled and Programmable
Sampling Period
D Programmable Autochannel Sweep and
Repeat
D Hardware Default Configuration
D INL: ±1 LSB Max
D DNL: ±1 LSB Max
D SINAD: 80.8 dB
D THD: –95 dB
description
The TLC3544 and TLC3548 are a family of 14-bit resolution high-performance, low-power, CMOS
analog-to-digital converters (ADC). All devices operate from a single 5-V analog power supply and 3-V to 5-V
digital supply. The serial interface consists of four digital inputs [chip select (CS), frame sync (FS), serial
input-output clock (SCLK), serial data input (SDI)], and a 3-state serial data output (SDO). CS (works as SS,
slave select), SDI, SDO, and SCLK form an SPI interface. FS, SDI, SDO, and SCLK form a DSP interface. The
frame sync signal (FS) indicates the start of a serial data frame being transferred. When multiple converters
connect to one serial port of a DSP, CS works as the chip select to allow the host DSP to access the individual
converter. CS can be tied to ground if only one converter is used. FS must be tied to DVDD if it is not used (such
as in an SPI interface). When SDI is tied to DVDD, the device is set in hardware default mode after power-on,
and no software configuration is required. In the simplest case, only three wires (SDO, SCLK, and CS or FS)
are needed to interface with the host.
Copyright
 2000 – 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - TLC3544

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC3544 TI-TLC3544 Datasheet
790Kb / 40P
5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
TLC3544CDW TI-TLC3544CDW Datasheet
790Kb / 40P
5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
TLC3544CDWR TI-TLC3544CDWR Datasheet
790Kb / 40P
5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
TLC3544CDWRG4 TI-TLC3544CDWRG4 Datasheet
790Kb / 40P
5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
TLC3544CPW TI-TLC3544CPW Datasheet
790Kb / 40P
5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
More results

Similar Description - TLC3544

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2551 TI-TLC2551 Datasheet
365Kb / 23P
5 V, LOW POWER, 12-BIT, 400 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLC4541 TI-TLC4541 Datasheet
341Kb / 21P
5-V, LOW POWER, 16-BIT, 200-KSPS SERIAL ANALOG TO DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLC2574 TI-TLC2574 Datasheet
706Kb / 39P
5-V ANALOG 3-/5-V DIGITAL 14-/12-BIT 200-KSPS 4-/8-CHANNEL SERIAL ANALOG TO DIGITAL CONVERTERS WITH 10-V INPUTS
TLC3541 TI-TLC3541 Datasheet
481Kb / 23P
5-V. LOW POWER, 14-BIT, 200-KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO-POWER DOWN
TLC3544 TI-TLC3544 Datasheet
790Kb / 40P
5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
TLC4545ID TI1-TLC4545ID Datasheet
805Kb / 26P
5-V, LOW POWER, 16-BIT, 200-KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO-POWER DOWN
TLC3574IDW TI-TLC3574IDW Datasheet
1Mb / 49P
5-V ANALOG,3-/5-V DIGITAL, 14-/12-BIT, 200-KSPS, 4-/8-CHANNEL SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 10-V INPUTS
TLC2578IDW TI1-TLC2578IDW Datasheet
1Mb / 49P
5-V ANALOG,3-/5-V DIGITAL, 14-/12-BIT, 200-KSPS, 4-/8-CHANNEL SERIAL ANALOG-TO-DIGITAL CONVERTERS WIRH 10-V INPUTS
TLC2578IDWR TI-TLC2578IDWR Datasheet
1Mb / 49P
5-V ANALOG 3-5V DIGITAL 14-12BIT 200-KSPS 4-8CHANNEL SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH
TLC4541 TI1-TLC4541_14 Datasheet
840Kb / 28P
5-V LOW POWER, 16-BIT, 200-KSPS SEREAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO-POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com