Electronic Components Datasheet Search
  English  ▼

X  

TLC3544 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLC3544
Description  5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC3544 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLC3544 Datasheet HTML 7Page - Texas Instruments TLC3544 Datasheet HTML 8Page - Texas Instruments TLC3544 Datasheet HTML 9Page - Texas Instruments TLC3544 Datasheet HTML 10Page - Texas Instruments TLC3544 Datasheet HTML 11Page - Texas Instruments TLC3544 Datasheet HTML 12Page - Texas Instruments TLC3544 Datasheet HTML 13Page - Texas Instruments TLC3544 Datasheet HTML 14Page - Texas Instruments TLC3544 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
TLC3544, TLC3548
5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL
ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
SLAS266C – OCTOBER 2000 – REVISED MAY 2003
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range, AVDD = 5 V,
DVDD = 5 V, VREFP = 5 V, VREFM = 0 V, SCLK frequency = 25 MHz (unless otherwise noted) (continued)
CS trigger
PARAMETERS
MIN
TYP
MAX
UNIT
tsu(2)
Setup time, CS falling edge before SCLK rising edge, at 25-pF load
12
ns
td(4)
Delay time, delay time from 16th SCLK falling edge to CS rising edge, at 25-pF load ‡
5
ns
tw(2)
Pulse width, CS high time at 25-pF load
1
tc(1)
t
Delay time, delay from CS falling edge to MSB of SDO valid (reaches 90%
DVDD = 5 V
0
12
ns
td(5)
Delay time, delay from CS falling edge to MSB of SDO valid (reaches 90%
final level), at 10-pF load
DVDD = 2.7 V
0
30†
ns
td(6)
Delay time, delay from CS rising edge to SDO 3-state, at 10-pF load
0
6
ns
td(7)
Delay time delay from CS falling edge to INT rising edge at 10 pF load
DVDD = 5 V
0
6
ns
td(7)
Delay time, delay from CS falling edge to INT rising edge, at 10-pF load
DVDD = 2.7 V
0
16†
ns
† Specified by design
‡ For normal short sampling, td(4) is the delay time from 16th SCLK falling edge to CS rising edge.
For normal long sampling, td(4) is the delay time from 48th SCLK falling edge to CS rising edge.
Hi-Z
ID15
OD1
OD0
ID1
116
OD15
Don’t Care
ID0
OR
tsu(2)
td(4)
tw(2)
td(7)
td(5)
Hi-Z
Hi-Z
Don’t Care
VIH
VIL
CS
SCLK
SDI
SDO
EOC
INT
td(6)
Don’t Care
OD7
OD15
NOTE A:
– – – – The dotted line means signal may or may not exist, depending on application. It must be ignored.
Normal sampling mode, CS initiates the conversion, FS must be tied to high. When CS is high, SDO is in Hi-Z, all inputs (FS, SCLK,
SDI) are inactive and are ignored. Parts with date code earlier than 13XXXXX have these discrepancies:
(Date code is a 7 digit code next to the TI where the first digit indicates the year and the second digit is the month of production. 13,
in this case, is 2001 and the month of March.)
FS is not ignored even if the device is in microcontroller mode (CS triggered).
FS must be tied to DVDD.
Figure 2. Critical Timing for CS Trigger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com