Electronic Components Datasheet Search
  English  ▼

X  

TLC3544 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLC3544
Description  5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC3544 Datasheet(HTML) 2 Page - Texas Instruments

  TLC3544 Datasheet HTML 1Page - Texas Instruments TLC3544 Datasheet HTML 2Page - Texas Instruments TLC3544 Datasheet HTML 3Page - Texas Instruments TLC3544 Datasheet HTML 4Page - Texas Instruments TLC3544 Datasheet HTML 5Page - Texas Instruments TLC3544 Datasheet HTML 6Page - Texas Instruments TLC3544 Datasheet HTML 7Page - Texas Instruments TLC3544 Datasheet HTML 8Page - Texas Instruments TLC3544 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
TLC3544, TLC3548
5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL
ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
SLAS266C – OCTOBER 2000 – REVISED MAY 2003
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
In addition to being a high-speed ADC with versatile control capability, these devices have an on-chip analog
multiplexer (MUX) that can select any analog input or one of three self-test voltages. The sample-and-hold
function is automatically started after the fourth SCLK (normal sampling) or can be controlled by CSTART to
extend the sampling period (extended sampling). The normal sampling period can also be programmed as short
sampling (12 SCLKs) or long sampling (44 SCLKs) to accommodate the faster SCLK operation popular among
high-performance signal processors. The TLC3544 and TLC3548 are designed to operate with low power
consumption. The power saving feature is further enhanced with software power-down/ autopower-down
modes and programmable conversion speeds. The conversion clock (internal OSC) is built in. The converter
can also use an external SCLK as the conversion clock for maximum flexibility. The TLC3544 and TLC3548
have a 4-V internal reference. The converters are specified with unipolar input range of 0-V to 5-V when a 5-V
external reference is used.
AVAILABLE OPTIONS
PACKAGED DEVICES
TA
20-TSSOP
(PW)
20-SOIC
(DW)
24-SOIC
(DW)
24-TSSOP
(PW)
0
°C to 70°C
TLC3544CPW
TLC3544CDW
TLC3548CDW
TLC3548CPW
– 40
°C to 85°C
TLC3544IPW
TLC3544IDW
TLC3548IDW
TLC3548IPW
functional block diagram
Analog
MUX
4-V
Reference
Command
Decode
CMR (4 MSBs)
SAR
ADC
OSC
Conversion
Clock
FIFO
X8
Control
Logic
4-Bit
Counter
SDO
EOC/INT
DVDD AVDD
DGND AGND
CSTART
FS
CS
SCLK
SDI
CFR
REFM
BGAP
REFP
X8
A0
A1
A2
A3
A4
A5
A6
A7
X4
A0
A1
A2
A3
X
X
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com