Electronic Components Datasheet Search
  English  ▼

X  

1754664 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1754664
Description  PT 4-MT RD - Knife-disconnect terminal block
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1754664 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1754664 Datasheet HTML 1Page - PHOENIX CONTACT 1754664 Datasheet HTML 2Page - PHOENIX CONTACT 1754664 Datasheet HTML 3Page - PHOENIX CONTACT 1754664 Datasheet HTML 4Page - PHOENIX CONTACT 1754664 Datasheet HTML 5Page - PHOENIX CONTACT 1754664 Datasheet HTML 6Page - PHOENIX CONTACT 1754664 Datasheet HTML 7Page - PHOENIX CONTACT 1754664 Datasheet HTML 8Page - PHOENIX CONTACT 1754664 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
End cover width
2.2 mm
Height
56 mm
Depth
36.8 mm
Depth on NS 35/7,5
36.5 mm
Depth on NS 35/15
44 mm
Material specifications
Color
red (RAL 3001)
Flammability rating according to UL 94
V0
Insulating material group
I
Insulating material
PA
Static insulating material application in cold
-60 °C
Relative insulation material temperature index (Elec., UL 746 B)
125 °C
Electrical tests
Surge voltage test
Test voltage setpoint
7.3 kV
Result
Test passed
Temperature-rise test
Requirement temperature-rise test
Increase in temperature ≤ 45 K
Result
Test passed
Short-time withstand current 2.5 mm²
0.3 kA
Result
Test passed
Power-frequency withstand voltage
Test voltage setpoint
1.89 kV
Result
Test passed
Mechanical properties
Mechanical data
Open side panel
Yes
Mechanical tests
Mechanical strength
Result
Test passed
Attachment on the carrier
DIN rail/fixing support
NS 35
Test force setpoint
1 N
Result
Test passed
Test for conductor damage and slackening
Rotation speed
10 rpm
Revolutions
135
PT 4-MT RD - Knife-disconnect terminal block
1754664
https://www.phoenixcontact.com/us/products/1754664
Feb 3, 2025, 1:05 AM
Page 3 (10)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com