Electronic Components Datasheet Search
  English  ▼

X  

1754664 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1754664
Description  PT 4-MT RD - Knife-disconnect terminal block
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1754664 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1754664 Datasheet HTML 1Page - PHOENIX CONTACT 1754664 Datasheet HTML 2Page - PHOENIX CONTACT 1754664 Datasheet HTML 3Page - PHOENIX CONTACT 1754664 Datasheet HTML 4Page - PHOENIX CONTACT 1754664 Datasheet HTML 5Page - PHOENIX CONTACT 1754664 Datasheet HTML 6Page - PHOENIX CONTACT 1754664 Datasheet HTML 7Page - PHOENIX CONTACT 1754664 Datasheet HTML 8Page - PHOENIX CONTACT 1754664 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
0.2 mm² / 0.2 kg
4 mm² / 0.9 kg
Conductor cross section/weight
6 mm² / 1.4 kg
Result
Test passed
Environmental and real-life conditions
Aging
Temperature cycles
192
Result
Test passed
Needle-flame test
Time of exposure
30 s
Result
Test passed
Oscillation/broadband noise
Specification
DIN EN 50155 (VDE 0115-200):2018-05
Spectrum
Long life test category 2, bogie-mounted
Frequency
f1 = 5 Hz to f2 = 250 Hz
ASD level
6.12 (m/s²)²/Hz
Acceleration
3.12g
Test duration per axis
5 h
Test directions
X-, Y- and Z-axis
Result
Test passed
Shocks
Specification
DIN EN 50155 (VDE 0115-200):2018-05
Pulse shape
Half-sine
Acceleration
30g
Shock duration
18 ms
Number of shocks per direction
3
Test directions
X-, Y- and Z-axis (pos. and neg.)
Result
Test passed
Ambient conditions
Ambient temperature (operation)
-60 °C ... 110 °C (Operating temperature range incl. self-heating;
for max. short-term operating temperature, see RTI Elec.)
Ambient temperature (storage/transport)
-25 °C ... 60 °C (for a short time, not exceeding 24 h, -60 °C to
+70 °C)
Ambient temperature (assembly)
-5 °C ... 70 °C
Ambient temperature (actuation)
-5 °C ... 70 °C
Permissible humidity (operation)
20 % ... 90 %
Permissible humidity (storage/transport)
30 % ... 70 %
Standards and regulations
Connection in acc. with standard
IEC 60947-7-1
PT 4-MT RD - Knife-disconnect terminal block
1754664
https://www.phoenixcontact.com/us/products/1754664
Feb 3, 2025, 1:05 AM
Page 4 (10)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com