Electronic Components Datasheet Search
  English  ▼

X  

1754664 Datasheet(PDF) 7 Page - PHOENIX CONTACT

Part # 1754664
Description  PT 4-MT RD - Knife-disconnect terminal block
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1754664 Datasheet(HTML) 7 Page - PHOENIX CONTACT

Back Button 1754664 Datasheet HTML 2Page - PHOENIX CONTACT 1754664 Datasheet HTML 3Page - PHOENIX CONTACT 1754664 Datasheet HTML 4Page - PHOENIX CONTACT 1754664 Datasheet HTML 5Page - PHOENIX CONTACT 1754664 Datasheet HTML 6Page - PHOENIX CONTACT 1754664 Datasheet HTML 7Page - PHOENIX CONTACT 1754664 Datasheet HTML 8Page - PHOENIX CONTACT 1754664 Datasheet HTML 9Page - PHOENIX CONTACT 1754664 Datasheet HTML 10Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Approvals
To download certificates, visit the product detail page: https://www.phoenixcontact.com/us/products/1754664
CSA
Approval ID: 13631
Nominal voltage UN
Nominal current IN
Cross section AWG
Cross section mm2
Use group B
300 V
20 A
24 - 10
-
Use group C
300 V
20 A
24 - 10
-
IECEE CB Scheme
Approval ID: DE1-62944
Nominal voltage UN
Nominal current IN
Cross section AWG
Cross section mm2
500 V
20 A
-
0.2 - 4
EAC
Approval ID: RU C-DE.BL08.B.00644
cULus Recognized
Approval ID: E60425
LR
Approval ID: LR2371832TA
NK
Approval ID: 14ME0912
cULus Recognized
Approval ID: E60425
BV
Approval ID: 39980/B0 BV
VDE Zeichengenehmigung
Approval ID: 40037094
Nominal voltage UN
Nominal current IN
Cross section AWG
Cross section mm2
500 V
20 A
-
0.2 - 4
PT 4-MT RD - Knife-disconnect terminal block
1754664
https://www.phoenixcontact.com/us/products/1754664
Feb 3, 2025, 1:05 AM
Page 7 (10)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com