Electronic Components Datasheet Search
  English  ▼

X  

1754664 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1754664
Description  PT 4-MT RD - Knife-disconnect terminal block
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1754664 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1754664 Datasheet HTML 1Page - PHOENIX CONTACT 1754664 Datasheet HTML 2Page - PHOENIX CONTACT 1754664 Datasheet HTML 3Page - PHOENIX CONTACT 1754664 Datasheet HTML 4Page - PHOENIX CONTACT 1754664 Datasheet HTML 5Page - PHOENIX CONTACT 1754664 Datasheet HTML 6Page - PHOENIX CONTACT 1754664 Datasheet HTML 7Page - PHOENIX CONTACT 1754664 Datasheet HTML 8Page - PHOENIX CONTACT 1754664 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Knife-disconnect terminal block, nom. voltage: 500 V, nominal current: 20 A, connection method:
Push-in connection, Rated cross section: 4 mm2, cross section: 0.2 mm2 - 6 mm2, mounting:
NS 35/7,5, NS 35/15, color: red
Your advantages
The Push-in connection terminal blocks are characterized by the system features of the CLIPLINE complete system and by easy and tool-free
wiring of conductors with ferrules or solid conductors
•
The compact design and front connection enable wiring in a confined space<br/>
•
In addition to the testing option in the double function shaft, all terminal blocks provide an additional test pick-off
•
Tested for railway applications
•
Commercial data
Item number
1754664
Packing unit
50 pc
Minimum order quantity
50 pc
Product key
BE2231
GTIN
4067923322332
Weight per piece (including packing)
22.222 g
Weight per piece (excluding packing)
22.22 g
Country of origin
PL
PT 4-MT RD - Knife-disconnect terminal block
1754664
https://www.phoenixcontact.com/us/products/1754664
Feb 3, 2025, 1:05 AM
Page 1 (10)


Similar Part No. - 1754664

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1754665 PHOENIX-1754665 Datasheet
455Kb / 22P
Printed-circuit board connector - FKCN 2,5/12-ST-5,08
09/12/2020
1754669 PHOENIX-1754669 Datasheet
116Kb / 9P
Printed-circuit board connector - MSTB 2,5/13-ST
1754669 PHOENIX-1754669 Datasheet
180Kb / 5P
MDSTB 2,5/13-G1
More results

Similar Description - 1754664

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3035043 PHOENIX-3035043 Datasheet
61Kb / 4P
Knife disconnect terminal block - ST 2,5-QUATTRO-MT RD
3046152 PHOENIX-3046152 Datasheet
55Kb / 4P
Knife disconnect terminal block - UT 4-MTL KNIFE-RD
3210302 PHOENIX-3210302 Datasheet
79Kb / 5P
Knife disconnect terminal block - PT 1,5/S-MT BU
3210311 PHOENIX-3210311 Datasheet
66Kb / 5P
Knife disconnect terminal block - PT 1,5/S-TWIN-MT
3210321 PHOENIX-3210321 Datasheet
67Kb / 5P
Knife disconnect terminal block - PT 1,5/S-QUATTRO-MT
3046279 PHOENIX-3046279 Datasheet
493Kb / 22P
Knife disconnect terminal block - UT 4-MT RD
3212316 PHOENIX-3212316 Datasheet
937Kb / 29P
Knife disconnect terminal block - PT 2,5-MT OG
1088739 PHOENIX-1088739 Datasheet
254Kb / 24P
Knife disconnect terminal block - PTV 4-MT
09/12/2020
3211934 PHOENIX-3211934 Datasheet
301Kb / 27P
Knife disconnect terminal block - PT 4-MT BU
09/11/2020
3210301 PHOENIX-3210301 Datasheet
520Kb / 25P
Knife disconnect terminal block - PT 1,5/S-MT
09/30/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com