Electronic Components Datasheet Search
  English  ▼

X  

SN8F27E64KB Datasheet(PDF) 72 Page - SONiX Technology Company

Part # SN8F27E64KB
Description  8-Bit Flash Micro-Controller with Embedded ICE and ISP
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F27E64KB Datasheet(HTML) 72 Page - SONiX Technology Company

Back Button SN8F27E64KB Datasheet HTML 68Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 69Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 70Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 71Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 72Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 73Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 74Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 75Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 76Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 192 page
background image
SN8F27E60 Series
8-Bit Flash Micro-Controller with Embedded ICE and ISP
SONiX TECHNOLOGY CO., LTD
Page 72
Version 1.4
6.9 TC1 INTERRUPT OPERATION
When the TC
1C counter overflows, the TC1IRQ will be set to “1” no matter the TC1IEN is enable or disable. If the
TC1IEN and the trigger event TC1IRQ is set to be “1”. As the result, the system will execute the interrupt vector. If the
TC1IEN = 0, the trigger event T
C1IRQ is still set to be “1”. Moreover, the system won’t execute interrupt vector even
when the TC1IEN is set to be “1”. Users need to be cautious with the operation under multi-interrupt situation.
Example: TC1 interrupt request setup.
B0BCLR
FTC1IEN
; Disable TC1 interrupt service
B0BCLR
FTC1ENB
; Disable TC1 timer
MOV
A, #10H
;
B0MOV
TC1M, A
; Set TC1 clock = Fcpu / 64
MOV
A, #74H
; Set TC1C initial value = 74H
B0MOV
TC1C, A
; Set TC1 interval = 10 ms
B0BSET
FTC1IEN
; Enable TC1 interrupt service
B0BCLR
FTC1IRQ
; Clear TC1 interrupt request flag
B0BSET
FTC1ENB
; Enable TC1 timer
B0BSET
FGIE
; Enable GIE
Example: TC1 interrupt service routine.
ORG
0DH
; Interrupt vector
JMP
INT_SERVICE
INT_SERVICE:
…
; Push routine to save ACC and PFLAG to buffers.
B0BTS1
FTC1IRQ
; Check TC1IRQ
JMP
EXIT_INT
; TC1IRQ = 0, exit interrupt vector
B0BCLR
FTC1IRQ
; Reset TC1IRQ
MOV
A, #74H
B0MOV
TC1C, A
; Reset TC1C.
…
; TC1 interrupt service routine
…
EXIT_INT:
…
; Pop routine to load ACC and PFLAG from buffers.
RETI
; Exit interrupt vector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com