Electronic Components Datasheet Search
  English  ▼

X  

SN8F27E64KB Datasheet(PDF) 13 Page - SONiX Technology Company

Part # SN8F27E64KB
Description  8-Bit Flash Micro-Controller with Embedded ICE and ISP
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F27E64KB Datasheet(HTML) 13 Page - SONiX Technology Company

Back Button SN8F27E64KB Datasheet HTML 9Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 10Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 11Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 12Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 13Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 14Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 15Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 16Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 17Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 192 page
background image
SN8F27E60 Series
8-Bit Flash Micro-Controller with Embedded ICE and ISP
SONiX TECHNOLOGY CO., LTD
Page 13
Version 1.4
1.4 PIN DESCRIPTIONS
PIN NAME
TYPE
DESCRIPTION
VDD, VSS
P
Power supply input pins for digital and analog circuit.
VDDL
P
Low voltage power pin. Connect 0.1uF capacitor to Vss.
AVREFH
P
ADC high reference voltage input pin.
RST/P0.4
I/O
RST: System external reset input pin. Schmitt trigger structure, ac
tive “low”, normal stay to “high”.
P0.4: Bi-direction pin. Schmitt trigger structure as input mode. Built-in pull-up resisters. Level change
wake-up.
XIN/P0.6
I/O
XIN: Oscillator input pin while external oscillator enable (crystal and RC).
P0.6: Bi-direction pin. Schmitt trigger structure as input mode. Built-in pull-up resisters. Level change
wake-up.
XOUT/P0.5
I/O
XOUT: Oscillator output pin while external crystal enable.
P0.5: Bi-direction pin. Schmitt trigger structure as input mode. Built-in pull-up resisters. Level change
wake-up.
P0.0/INT0/
TC0
I/O
P0.0: Bi-direction pin. Schmitt trigger structure as input mode. Built-in pull-up resisters. Level change
wake-up.
INT0: External interrupt 0 input pin.
TC0: TC0 event counter input pin.
P0.1/INT1/
TC1
I/O
P0.1: Bi-direction pin. Schmitt trigger structure as input mode. Built-in pull-up resisters. Level change
wake-up.
INT1: External interrupt 1 input pin.
TC1: TC1 event counter input pin.
P0.2/URX/
TC2
I/O
P0.2: Bi-direction pin. Schmitt trigger structure as input mode. Built-in pull-up resisters. Level change
wake-up. Programmable open-drain structure.
TC2: TC2 event counter input pin.
URX: UART receive input pin.
P0.3/UTX/T1
I/O
P0.3: Bi-direction pin. Schmitt trigger structure as input mode. Built-in pull-up resisters. Level change
wake-up. Programmable open-drain structure.
UTX: UART transmit output pin.
T1: T1 event counter input pin.
P1.0/EICK
I/O
P1.0: Bi-direction pin. Schmitt trigger structure as input mode. Built-in pull-up resisters. Level change
wake-up. Programmable open-drain structure.
EICK: Embedded ICE clock pin.
P1.1/EIDA
I/O
P1.1: Bi-direction pin. Schmitt trigger structure as input mode. Built-in pull-up resisters. Level change
wake-up. Programmable open-drain structure.
EIDA: Embedded ICE data pin.
P1.2/SDA
I/O
P1.2: Bi-direction pin. Schmitt trigger structure as input mode. Built-in pull-up resisters. Level change
wake-up. Programmable open-drain structure.
SDA: MSP data pin.
P1.3/SCL
I/O
P1.3: Bi-direction pin. Schmitt trigger structure as input mode. Built-in pull-up resisters. Level change
wake-up. Programmable open-drain structure.
SCL: MSP clock pin.
P1.4/SDO
I/O
P1.4: Bi-direction pin. Schmitt trigger structure as input mode. Built-in pull-up resisters. Level change
wake-up. Programmable open-drain structure.
SDO: SIO data output pin.
P1.5/SDI
I/O
P1.5: Bi-direction pin. Schmitt trigger structure as input mode. Built-in pull-up resisters. Level change
wake-up. Programmable open-drain structure.
SDI: SIO data input pin.
P1.6/SCK
I/O
P1.6: Bi-direction pin. Schmitt trigger structure as input mode. Built-in pull-up resisters. Level change
wake-up. Programmable open-drain structure.
SCK: SIO clock pin.
P1.7/SCS
I/O
P1.7: Bi-direction pin. Schmitt trigger structure as input mode. Built-in pull-up resisters. Level change
wake-up. Programmable open-drain structure.
SCS: SIO bus control pin.
P4.0/AIN0
I/O
P4.0: Bi-direction pin. Schmitt trigger structure as input mode. Built-in pull-up resisters.
AIN0: ADC channel 0 input pin.
P4.1/AIN1
I/O
P4.1: Bi-direction pin. Schmitt trigger structure as input mode. Built-in pull-up resisters.
AIN1: ADC channel 1 input pin.
P4.2/AIN2
I/O
P4.2: Bi-direction pin. Schmitt trigger structure as input mode. Built-in pull-up resisters.
AIN2: ADC channel 2 input pin.
P4.3/AIN3
I/O
P4.3: Bi-direction pin. Schmitt trigger structure as input mode. Built-in pull-up resisters.
AIN3: ADC channel 3 input pin.
P4.4/AIN4
I/O
P4.4: Bi-direction pin. Schmitt trigger structure as input mode. Built-in pull-up resisters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com