Electronic Components Datasheet Search
  English  ▼

X  

SN8F27E64KB Datasheet(PDF) 79 Page - SONiX Technology Company

Part # SN8F27E64KB
Description  8-Bit Flash Micro-Controller with Embedded ICE and ISP
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F27E64KB Datasheet(HTML) 79 Page - SONiX Technology Company

Back Button SN8F27E64KB Datasheet HTML 75Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 76Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 77Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 78Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 79Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 80Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 81Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 82Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 83Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 192 page
background image
SN8F27E60 Series
8-Bit Flash Micro-Controller with Embedded ICE and ISP
SONiX TECHNOLOGY CO., LTD
Page 79
Version 1.4
7
7
7 I/O PORT
7.1 OVERVIEW
The micro-controller builds in 27 pin I/O. Most of the I/O pins are mixed with analog pins and special function pins. The
I/O shared pin list is as following.
I/O Pin
Shared Pin
Shared Pin Control Condition
Name
Type
Name
Type
P0.0
I/O
INT0
DC
P00IEN=1
TC0
DC
TC0CKS=1, TC0ENB=1
P0.1
I/O
INT1
DC
P01IEN=1
TC1
DC
TC1CKS=1, TC1ENB=1
P0.2
I/O
URX
DC
URXEN=1
TC2
DC
TC2CKS=1, TC2ENB=1
P0.3
I/O
UTX
DC
UTXEN=1
T1
DC
T1CKS=1, T1ENB=1
P0.4
I/O
RST
DC
Reset_Pin code option = Reset
P0.5
I/O
XOUT
AC
High_CLK code option = IHRC_RTC, 32K, 4M, 12M
P0.6
I/O
XIN
AC
High_CLK code option = IHRC_RTC, RC, 32K, 4M, 12M
P1.0
I/O
EICK
DC
Embedded ICE mode.
P1.1
I/O
EIDA
DC
Embedded ICE mode.
P1.2
I/O
SDA
DC
MSPENB=1
P1.3
I/O
SCL
DC
MSPENB=1
P1.4
I/O
SDO
DC
SENB=1
P1.5
I/O
SDI
DC
SENB=1
P1.6
I/O
SCK
DC
SENB=1
P1.7
I/O
SCS
DC
SENB=1
P4[7:0]
I/O
AIN[7:0]
AC
ADENB=1,GCHS=1,CHS[3:0]=0000b~0111b
P5.0
I/O
AIN[8]
AC
ADENB=1,GCHS=1,CHS[3:0]=1000b
P5.1
I/O
AIN[9]
AC
ADENB=1,GCHS=1,CHS[3:0]=1001b
PWM0
DC
TC0ENB=1, PWM0OUT=1
P5.2
I/O
AIN[10]
AC
ADENB=1,GCHS=1,CHS[3:0]=1010b
PWM1
DC
TC0ENB=1, PWM1OUT=1
P5.3
I/O
AIN[11]
AC
ADENB=1,GCHS=1,CHS[3:0]=1011b
PWM2
DC
TC0ENB=1, PWM2OUT=1
* DC: Digital Characteristic. AC: Analog Characteristic. HV: High Voltage Characteristic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com