Electronic Components Datasheet Search
  English  ▼

X  

SN8F27E64KB Datasheet(PDF) 12 Page - SONiX Technology Company

Part # SN8F27E64KB
Description  8-Bit Flash Micro-Controller with Embedded ICE and ISP
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F27E64KB Datasheet(HTML) 12 Page - SONiX Technology Company

Back Button SN8F27E64KB Datasheet HTML 8Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 9Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 10Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 11Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 12Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 13Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 14Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 15Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 16Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 192 page
background image
SN8F27E60 Series
8-Bit Flash Micro-Controller with Embedded ICE and ISP
SONiX TECHNOLOGY CO., LTD
Page 12
Version 1.4
SN8F27E64J (AC field, QFN 4x4 28 Pin):
SN8F27E64LJ (DC field, QFN 4x4 28 Pin):
28 27 26 25 24 23 22
P0.3/UTX/T1
1 O
21 P4.2/AIN2
P0.2/URX/TC2
2
20 P4.3/AIN3
P0.1/INT1/TC1
3
19 P4.4/AIN4
P0.0/INT0/TC0
4
18 P4.5/AIN5
P1.6/SCK
5
17 P4.6/AIN6
P1.5/SDI
6
16 P4.7/AIN7
P1.4/SDO
7
15 P5.0/AIN8
8
9
10 11 12 13 14
28 27 26 25 24 23 22
P0.3/UTX/T1
1 O
21 P4.2/AIN2
P0.2/URX/TC2
2
20 P4.3/AIN3
P0.1/INT1/TC1
3
19 P4.4/AIN4
P0.0/INT0/TC0
4
18 P4.5/AIN5
P1.6/SCK
5
17 P4.6/AIN6
P1.5/SDI
6
16 P4.7/AIN7
P1.4/SDO
7
15 P5.0/AIN8
8
9
10 11 12 13 14
SN8F27E62P (AC field, DIP 20 Pin):
SN8F27E62S (AC field, SOP 20 Pin):
SN8F27E62LP (DC field, DIP 20 Pin):
SN8F27E62LS (DC field, SOP 20 Pin):
VSS
1
U
20
VDDL
XIN/P0.6
2
19
VDD/AVREFH
XOUT/P0.5
3
18
P4.3/AIN3
RST/P0.4
4
17
P4.4/AIN4
P0.3/UTX/T1
5
16
P4.5/AIN5
P0.2/URX/TC2
6
15
P4.6/AIN6
P0.0/INT0/TC0
7
14
P4.7/AIN7
P1.1/EIDA
8
13
P5.0/AIN8
P1.0/EICK
9
12
P5.1/AIN9/PWM0
P5.3/AIN11/PWM2
10
11
P5.2/AIN10/PWM1
VSS
1
U
20
VDD
XIN/P0.6
2
19
VDD/AVREFH
XOUT/P0.5
3
18
P4.3/AIN3
RST/P0.4
4
17
P4.4/AIN4
P0.3/UTX/T1
5
16
P4.5/AIN5
P0.2/URX/TC2
6
15
P4.6/AIN6
P0.0/INT0/TC0
7
14
P4.7/AIN7
P1.1/EIDA
8
13
P5.0/AIN8
P1.0/EICK
9
12
P5.1/AIN9/PWM0
P5.3/AIN11/PWM2
10
11
P5.2/AIN10/PWM1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com