Electronic Components Datasheet Search
  English  ▼

X  

HE83005 Datasheet(PDF) 8 Page - King blillion Electronics Co.,Ltd.

Part # HE83005
Description  8-BIT MICRO-CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE83005 Datasheet(HTML) 8 Page - King blillion Electronics Co.,Ltd.

Back Button HE83005 Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 10Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 11Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 12Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
King Billion Electronics Co., Ltd
駿
億
電
子
股
份
有
限
公
司
HE83005
HE80000 SERIES
July 28, 2003
8
V3.4
This specification is subject to change without notice. Please contact sales person for the latest version before use.
T2H
T2L
< Timer2 Counter >
Decreases 1
Count To
0xFFFFh
The contents of
T2H and T2L are
almost loaded into
Timer2 immediately
when Timer2 is
enabled after reset.
Auto reload
when Timer2
is underflow
Yes
No
Timer2
Interrupt
Request
T2_INT
9. Watch Dog Timer
Watch Dog Timer (WDT) is designed to reset system automatically prevent system dead lock caused by
abnormal hardware activities or program execution. WDT needs to be enabled in Mask Option.
MO_WDTE
Function
0
WDT disable
1
WDT enable
To use WDT function, “CLRWDT” instruction needs to be executed in every possible program path
when the program runs normally in order to clears the WDT counter before it overflows, so that the
program can operate normally. When abnormal conditions happen to cause the MCU to divert from
normal path, the WDT counter will not be cleared and reset signal will be generated.
WDT is the enabling signal generated by calculating 32768-clock overflow. Reset Register content is
same as TC1 (Timer1 clock), which uses the same clock count source. WDT function can be generated
in Normal, Slow and Idle Mode. However, WDT will not function during Sleep Mode (as the TC1
clock has stopped.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com