Electronic Components Datasheet Search
  English  ▼

X  

HE83005 Datasheet(PDF) 12 Page - King blillion Electronics Co.,Ltd.

Part # HE83005
Description  8-BIT MICRO-CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE83005 Datasheet(HTML) 12 Page - King blillion Electronics Co.,Ltd.

Back Button HE83005 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 10Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 11Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 12Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 13Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 14Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 15Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 16Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
King Billion Electronics Co., Ltd
駿
億
電
子
股
份
有
限
公
司
HE83005
HE80000 SERIES
July 28, 2003
12
V3.4
This specification is subject to change without notice. Please contact sales person for the latest version before use.
11. Pad Diagram & Location
Which version of HE83005 delivered to customer is decided by KingBillion, user shall make sure the
delivered version before PCB is manufactured. The locations of chips logo are different from each
other.
A1 Version:Die Size= 2050 µm * 2180 µm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com