Electronic Components Datasheet Search
  English  ▼

X  

HE83005 Datasheet(PDF) 20 Page - King blillion Electronics Co.,Ltd.

Part # HE83005
Description  8-BIT MICRO-CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE83005 Datasheet(HTML) 20 Page - King blillion Electronics Co.,Ltd.

Back Button HE83005 Datasheet HTML 15Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 16Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 17Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 18Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 19Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 20Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 21Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 22Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 23Page - King blillion Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
King Billion Electronics Co., Ltd
駿
億
電
子
股
份
有
限
公
司
HE83005
HE80000 SERIES
July 28, 2003
20
V3.4
This specification is subject to change without notice. Please contact sales person for the latest version before use.
12. Absolute Maximum Rating
Item
Symbol
Rating
Condition
Supply Voltage
VDD
-0.5V ~ 7.0V
Input Voltage
VIN
-0.5V ~ VDD +0.5V
Output Voltage
Vo
-0.5V ~ VDD +0.5V
Operating Temperature
Top
0℃ ~ 70℃
Storage Temperature
Tst
-50℃ ~ 100℃
13. Recommended Operating Conditions
Item
Symbol
Rating
Condition
Supply Voltage
VDD
2.4V ~ 5.56V
Input Voltage
VIH
0.9 VDD ~ VDD
VIL
0.0V ~ 0.1 VDD
Operating Frequency
8M Hz
VDD =5.0V
Fmax.
4M Hz
VDD =2.4V
Operating Temperature
Top
00C ~ 700C
Storage Temperature
Tst
-500C ~ 1000C
14. AC/DC Characteristics
Testing Condition: TEMP=25℃, VDD=3V±10%
PARAMETER
CONDITION
MIN TYP MAX UNIT
IFast
NORMAL Mode Current System
2M ext. R/C
0.75
1
mA
ISlow
SLOW Mode Current
System
32.768K X’tal
6
9
µA
IIdle
IDLE Mode Current
System
32.769K X’tal
4
7
µA
ISleep
Sleep Mode Current
System
1
µA
IoHPWM PWM Output Drive Current PWMP, PWMN
*2 VDD=3V; VOH=2V
12
15
mA
IoLPWM PWM Output Sink Current PWMP, PWMN
*2 VDD=3V; VOL=1V
33
40
mA
IoVO
DAC Output Current
VO
VDD=3V;VO=0~2V,Data=7F 2.5
3
mA
ViH
Input High Voltage
I/O pins
0.8
VDD
V
ViL
Input Low Voltage
I/O pins
0.2
VDD
V
Vhys
Input Hysteresis Width
I/O, RSTP_N
Threshold=2/3VDD(input
from low to high)
Threshold=1/3VDD(input
from high to low)
1/3
VDD
V
IOH
Output Drive Current
I/O pull-high*1
VOL=2.0V
50
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com