Electronic Components Datasheet Search
  English  ▼

X  

HE83138 Datasheet(PDF) 6 Page - King blillion Electronics Co.,Ltd.

Part # HE83138
Description  8-BIT MICRO-CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE83138 Datasheet(HTML) 6 Page - King blillion Electronics Co.,Ltd.

  HE83138 Datasheet HTML 1Page - King blillion Electronics Co.,Ltd. HE83138 Datasheet HTML 2Page - King blillion Electronics Co.,Ltd. HE83138 Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. HE83138 Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HE83138 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HE83138 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HE83138 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HE83138 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HE83138 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
KING BILLION ELECTRONICS CO., LTD
駿
億
電
子
股
份
有
限
公
司
HE83138
HE80000 SERIES
6
V1.0
PIN
Number
PIN
Name
X
Coordinate
Y
Coordinate
PIN
Number
PIN
Name
X
Coordinate
Y
Coordinate
44
SEG[7]
X= 1039.45 Y= -1541.50
91
NC
X= -1088.20 Y= 1539.10
45
SEG[6]
X= 1154.95 Y= -1541.50
92
NC
X= -1203.70 Y= 1539.10
46
SEG[5]
X= 1474.30 Y= -1467.15
93
NC
X= -1319.20 Y= 1539.10
47
SEG[4]
X= 1474.30 Y= -1351.65
G. DC/AC Characteristics
Absolute Maximum Rating
Item
Sym.
Rating
Condition
Supply Voltage
Vdd
-0.5V ~ 8V
Input Voltage
Vin
-0.5V ~ Vdd+0.5V
Output Voltage
Vo
-0.5V ~ Vdd+0.5V
Operating Temperature
Top
00C ~ 700C
Storage Temperature
Tst
-500C ~ 1000C
Recommended Operating Conditions
Item
Sym.
Rating
Condition
Supply Voltage
Vdd
2.4V ~ 5.5V
Vih
0.9 Vdd ~ Vdd
Input Voltage
Vil
0.0V ~ 0.1Vdd
8MHz
Vdd =5.0V
Operating Frequency
Fmax
4MHz
Vdd =2.4V
Operating Temperature
Top
00C ~ 700C
Storage Temperature
Tst
-500C ~ 1000C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com