Electronic Components Datasheet Search
  English  ▼

X  

HE83138 Datasheet(PDF) 3 Page - King blillion Electronics Co.,Ltd.

Part # HE83138
Description  8-BIT MICRO-CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE83138 Datasheet(HTML) 3 Page - King blillion Electronics Co.,Ltd.

  HE83138 Datasheet HTML 1Page - King blillion Electronics Co.,Ltd. HE83138 Datasheet HTML 2Page - King blillion Electronics Co.,Ltd. HE83138 Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. HE83138 Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HE83138 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HE83138 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HE83138 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HE83138 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HE83138 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
KING BILLION ELECTRONICS CO., LTD
駿
億
電
子
股
份
有
限
公
司
HE83138
HE80000 SERIES
3
V1.0
Pin # Pin name
I/O Function
Description
64..68
LR[4:0]
B LCD Resister level 4 ~ 0
Refer to application circuit.
69
LVG
I LCD Virtual Ground
Refer to application circuit.
2
PWMP
O
The PWM positive output can
drive speaker or buzzer directly.
3
PWMN
O
The PWM positive output can
drive speaker or buzzer directly.
Set the bit2(PWM=1) of VOC register and bit0 of
PWMC register to turn on PWM
71
VO
O
Voice output.
Set the bit0(OP=0) and bit1(DA=1) of VOC
register to turn on VO
72
DAO
O
DAC Output
Set the bit0(OP=1) and bit1(DA=1) of VOC
register to turn on DAO
73
OPIN
I OPAMP negative input pin.
74
OPIP
I OPAMP positive input pin.
75
OPO
O OPAMP output pin.
Built-in OP comparator.
Enable DAO to work with OP. Refer to
application note for detailed operation.
82
VDD
P Positive Power Input
70
GND
P Power Ground Input
Adding a 0.1 µF capacitor as by-pass capacitor
between VDD and GND.
D. LCD RAM MAP
Page
0
SEG
[7:0]
SEG
[15:8]
SEG
[23:16]
SEG
[31:24]
COM0
80H
90H
A0H
B0H
COM1
81H
91H
A1H
B1H
COM2
82H
92H
A2H
B2H
:
:
:
:
:
:
:
:
:
:
COM13
8DH
9DH
ADH
BDH
COM14
8EH
9EH
AEH
BEH
COM15
8FH
9FH
AFH
BFH



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com