Electronic Components Datasheet Search
  English  ▼

X  

HE83138 Datasheet(PDF) 9 Page - King blillion Electronics Co.,Ltd.

Part # HE83138
Description  8-BIT MICRO-CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE83138 Datasheet(HTML) 9 Page - King blillion Electronics Co.,Ltd.

  HE83138 Datasheet HTML 1Page - King blillion Electronics Co.,Ltd. HE83138 Datasheet HTML 2Page - King blillion Electronics Co.,Ltd. HE83138 Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. HE83138 Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HE83138 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HE83138 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HE83138 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HE83138 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HE83138 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
KING BILLION ELECTRONICS CO., LTD
駿
億
電
子
股
份
有
限
公
司
HE83138
HE80000 SERIES
9
V1.0
I. Important Note
1.
Please always take in mind that ICE is different from IC which is your target body. ICE is the whole
set of HE80000 series IC, but each IC is a subset of ICE. Never use any hardware resource that your
target IC didn't have these resources, especially RAM and register. KBIDS and compiler cannot
prevent user to use some hardware resources that don’t exist in your target IC. Please check the
following table and refer to the abbreviation in HE80000 user's manual.
I.F.C. E.S.C. I.P.R PROM
DROM
TP
TP+1 RAM
PP
DP
I/O
DTMF WDT
Timer
◎
◎
◎
48KB
—
16-bit
◎
1KB 2-bit 8-bit
16
—
◎
T1,T2
VO DAO OP PWM
LCD
COM*SEG
Bias Rgr ChrgPmp
LV2 LR LVG REC S.R.
◎
◎
◎
◎
512
16*32
1/5
—
1,3/2
—
4:0
◎
Ext.
I
2.
LCD driving circuit must be turn off before IC goes into sleep mode.
3.
Please bonds the TSTP_P, RSTP_N and PRTD [7:0] with test points on PCB (can be soldered and
probed) as you can, then some testing can be performed on PCB if necessary. The TSTP_P is
suggested to connect to ground by a 0 ohm resistor. The following figure is an example (Testing
point with through hole).
4.
J. Updated Record
Version
Date
Section
Original Content
New Content



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com