Electronic Components Datasheet Search
  English  ▼

X  

HE83138 Datasheet(PDF) 2 Page - King blillion Electronics Co.,Ltd.

Part # HE83138
Description  8-BIT MICRO-CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE83138 Datasheet(HTML) 2 Page - King blillion Electronics Co.,Ltd.

  HE83138 Datasheet HTML 1Page - King blillion Electronics Co.,Ltd. HE83138 Datasheet HTML 2Page - King blillion Electronics Co.,Ltd. HE83138 Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. HE83138 Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HE83138 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HE83138 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HE83138 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HE83138 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HE83138 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
KING BILLION ELECTRONICS CO., LTD
駿
億
電
子
股
份
有
限
公
司
HE83138
HE80000 SERIES
2
V1.0
C. Pin Description
Pin # Pin name
I/O Function
Description
78
77
FXI,
FXO
B,
O
External fast clock input/output
pins are used to connect crystal or
RC to generate the 32.768KHz ~
8MHz system clock.
81
80
SXI,
SXO
I,
O
External slow clock input/output
pins used to connect the
32.768KHz crystal to generate
slow clock for system operation
(slow mode), LCD display or
timer 1 clock source.
Mask Option setting:
MO_FCK/SCKN= 00 : Slow Clock only
01 : Illegal
10:Dual Clock
11:Fast Clock only
MO_FOSCE= 0:Internal fast clock
1:External fast clock
MO_FXTAL= 0:R,C OSC. for Fast Clock
1:Crystal OSC. for Fast Clock
MO_SXTAL= 0:R,C OSC. for 32.768K Clock
1:Crystal OSC. for 32.768K Clock。
Use OP1 and OP2 to switch among different
operation mode (NORMAL, SLOW, IDEL and
SLEEP). In Dual Clock mode, the main system clock
is still the Fast Clock. The 32768 Hz clock is for LCD
and Timer 1 only.
76
RSTP_N
I System reset signal
Active low and level trigger reset signal. User can
also set the mask option MO_PORE=1 to enable the
build-in Power-on reset circuit besides using the reset
pin.
Watch Dog Timer can also be enabled/disabled by the
mask option,
MO_WDTE = 0:Disable Watch Dog Timer
= 1:Enable Watch Dog Timer
79
TSTP_P
I IC Test Pin
Please bond this pin to ground by a 0 ohm
resistor to let it accessible when it’s necessary for
some testing.
91,92,
93,1
NC
No Connection Pin
83:90 PRTD[7:0] B
Bi-directional I/O port D. PRTD
[7:2] also used as wake-up pin,
and PRTD [7:6] also used as
external interrupt pin.
Mask options setting:
MO_DPP [7:0] = 1:Push-pull output.
= 0:Open-drain output.
Output must be “1” before reading whenever uses
them as input (Non tri-state structure).
12..19 PRT17[7:0] B Bi-directional I/O port 17
Mask options setting:
MO_17PP [7:0] = 1:Push-pull output.
= 0:Open-drain output.
Output must be “1” before reading whenever uses
them as input (Non tri-state structure).
11..4
52..59
COM[15:0] O LCD COM Output
20..51 SEG[31:0]
O LCD SEG Output
LCD common/segment driving pins.
LCD Data filled from 80H; please refer the LCD
RAM map.
61
LC2
B Charge Pump Switch 1
60
LC1
B Charge Pump Switch 2
When LV3=VDD, the charge pump
for LCD is turn off.
The capacitor between LC1 and LC2 shall be
removed to reduce power consumption.
63
LV3
B Charge Pump V3
62
LV1
B Charge Pump V1
Refer to application circuit.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com