Electronic Components Datasheet Search
  English  ▼

X  

RT8101GS Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT8101GS
Description  12V Synchronous Buck PWM DC-DC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8101GS Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT8101GS Datasheet HTML 1Page - Richtek Technology Corporation RT8101GS Datasheet HTML 2Page - Richtek Technology Corporation RT8101GS Datasheet HTML 3Page - Richtek Technology Corporation RT8101GS Datasheet HTML 4Page - Richtek Technology Corporation RT8101GS Datasheet HTML 5Page - Richtek Technology Corporation RT8101GS Datasheet HTML 6Page - Richtek Technology Corporation RT8101GS Datasheet HTML 7Page - Richtek Technology Corporation RT8101GS Datasheet HTML 8Page - Richtek Technology Corporation RT8101GS Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
RT8101/A
Preliminary
www.richtek.com
DS8101/A-01 March 2007
Electrical Characteristics
(VCC = 12V, TA = 25
°C, unless otherwise specified)
To be continued
Absolute Maximum Ratings
(Note 1)
Supply Voltage, VCC -------------------------------------------------------------------------------------- 16V
BOOT, VBOOT - VPHASE ------------------------------------------------------------------------------------ 16V
PHASE to GND
DC -------------------------------------------------------------------------------------------------------------
−5V to 15V
< 200ns ------------------------------------------------------------------------------------------------------
−10V to 30V
BOOT to PHASE ------------------------------------------------------------------------------------------ 15V
BOOT to GND
DC -------------------------------------------------------------------------------------------------------------
−0.3V to VCC+15V
< 200ns ------------------------------------------------------------------------------------------------------
−0.3V to 42V
UGATE ------------------------------------------------------------------------------------------------------- VPHASE
− 0.3V to VBOOT+ 0.3V
LGATE ------------------------------------------------------------------------------------------------------- GND
− 0.3V to VCC + 0.3V
Input, Output or I/O Voltage ----------------------------------------------------------------------------- GND
− 0.3V to 7V
Power Dissipation, PD @ TA = 25
°C (Note 4)
SOP-8 -------------------------------------------------------------------------------------------------------- 0.83W
SOP-8 (Exposed Pad) ----------------------------------------------------------------------------------- 1.33W
Package Thermal Resistance
SOP-8,
θJA -------------------------------------------------------------------------------------------------- 120°C/W
SOP-8 (Exposed Pad),
θJA ------------------------------------------------------------------------------ 75°C/W
Junction Temperature ------------------------------------------------------------------------------------- 150
°C
Lead Temperature (Soldering, 10 sec.) --------------------------------------------------------------- 260
°C
Storage Temperature Range ----------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 2)
HBM (Human Body Mode) ------------------------------------------------------------------------------ 2kV
MM (Machine Mode) -------------------------------------------------------------------------------------- 200V
Recommended Operating Conditions
(Note 3)
Supply Voltage, VCC -------------------------------------------------------------------------------------- 12V
± 10%
Junction Temperature Range ----------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range ----------------------------------------------------------------------------
−40°C to 85°C
Parameter
Symbol
Test C onditions
Min
Typ
Max
Units
Supply Input
Supply Voltage
VCC
UGATE and LGATE Open
10.8
12
13.2
V
Supply Current
ICC
VCC = 12V
--
3
--
mA
Power-On Reset
POR Threshold
VCCRTH
8.8
9.6
10.4
V
POR H ysteresis
VCCHYS
--
0.8
1.6
V
Oscillator
Free Running Frequency
fOSC
VCC = 12V, RT8101
250
300
350
kHz
VCC = 12V, RT8101A
500
600
700
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com