Electronic Components Datasheet Search
  English  ▼

X  

RT8101GS Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT8101GS
Description  12V Synchronous Buck PWM DC-DC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8101GS Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT8101GS Datasheet HTML 5Page - Richtek Technology Corporation RT8101GS Datasheet HTML 6Page - Richtek Technology Corporation RT8101GS Datasheet HTML 7Page - Richtek Technology Corporation RT8101GS Datasheet HTML 8Page - Richtek Technology Corporation RT8101GS Datasheet HTML 9Page - Richtek Technology Corporation RT8101GS Datasheet HTML 10Page - Richtek Technology Corporation RT8101GS Datasheet HTML 11Page - Richtek Technology Corporation RT8101GS Datasheet HTML 12Page - Richtek Technology Corporation RT8101GS Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
RT8101/A
Preliminary
DS8101/A-01 March 2007
www.richtek.com
Application Information
Power On Reset
The RT8101/A automatically initializes upon applying of
input power VCC. The power on reset function (POR)
continually monitors the input bias supply voltage at the
VCC pin. The POR trip level is typically 9.6V at VCC
rising.
VIN Detection
After POR the RT8101/A continuously generates a 10kHz
pulse train with 1
μs pulse width to turn on the upper
MOSFET for detecting the existence of VIN. RT8101/A
keeps monitoring PHASE pin voltage during the detection
period.
As soon as the PHASE voltage crosses 1.5V two times,
VIN existence is recognized and the RT8101/A initiates
its soft start cycle as described in next section.
Figure 1
Soft Start
A built-in soft-start is used to prevent surge current from
VIN to VOUT during power on. After the existence of VIN is
detected, soft-start (SS) begins automatically. The
feedback voltage (VFB) is clamped by internal linear ramping
up SS voltage, causing PWM pulse width increasing
slowly and thus inducing little surge current. Soft-start
completes when SS voltage exceeds internal reference
voltage (0.8V), the time duration is about 3.2ms.
Over Current Protection
The RT8101/A senses the current flowing through lower
MOSFET for over current protection (OCP) by sensing
the PHASE pin voltage as shown in the Functional Block
Diagram.
+
-
VIN POR_H
PHASE
UGATE
PHASE_M
1.5V
Internal Counter will count (VPHASE > 1.5V)
two times (rising & falling) to recognize when
VIN is ready.
1st 2nd PHASE
waveform
A 30
μA current source flows through the internal resistor
21.6k
Ω to PHASE pin causing 0.65V voltage drop across
the resistor. OCP is triggered if the voltage at PHASE pin
(drop of lower MOSFET VDS) is lower than
−0.25V when
low side MOSFET conducting. Accordingly inductor
current threshold for OCP is a function of conducting
resistance of lower MOSFET RDS(ON) as :
OCSET
DS(ON)
30 A 21.6k-0.4V
I
R
μ ×
=
If MOSFET with RDS(ON) = 10m
Ω is used, the OCP
threshold current is about 25A. Once OCP is triggered,
the RT8101/A enters hiccup mode and re-soft starts again.
The RT8101/A shuts down after OCP hiccups twice.
OCP
Time (2.5ms/Div)
UGATE
(10V/Div)
IOUT
(10A/Div)
OCP
Time (2.5ms/Div)
UGATE
(10V/Div)
IOUT
(10A/Div)
Figure 3. Power On then Shorted
Figure 4. Shorted then Power On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com